Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3329 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 35Page - STMicroelectronics AN3329 Datasheet HTML 36Page - STMicroelectronics AN3329 Datasheet HTML 37Page - STMicroelectronics AN3329 Datasheet HTML 38Page - STMicroelectronics AN3329 Datasheet HTML 39Page - STMicroelectronics AN3329 Datasheet HTML 40Page - STMicroelectronics AN3329 Datasheet HTML 41Page - STMicroelectronics AN3329 Datasheet HTML 42Page - STMicroelectronics AN3329 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
AN3329
PFC coil specifications
Doc ID 18376 Rev 1
39/47
7
PFC coil specifications
General description and characteristics
●
Application type: consumer, home appliance
●
Transformer type: open
●
Coil former: vertical type, 6+6 pins
●
Max. temp. rise: 45 ºC
●
Max. operating ambient temperature: 60 ºC
●
Mains insulation: n.a.
●
Unit finishing: varnished
Electrical characteristics
●
Converter topology: boost, transition mode
●
Core type: PQ32/20-PC44 or equivalent
●
Min. operating frequency: 30 kHz
●
Typical operating frequency: 120 kHz
●
Primary inductance: 240 µH ± 15 % at 1 kHz - 0.25 V (a)
Electrical diagram and winding characteristics
Figure 62.
PFC coil electrical diagram
a.
Measured between pins 1,2 and 5,6.
Table 3.
PFC coil winding data
Pins
Windings
RMS current
Number of turns
Wire type
8 - 11
AUX
0.05 Arms
3
φ 0.3 mm - G2
1,2 - 5,6
Primary
2.65 Arms
28
2x40
φ 0.1 mm - G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com