Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0613 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0613
Description  Dual DC-DC converter for powering an AMOLED display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0613 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0613 Datasheet HTML 3Page - STMicroelectronics UM0613 Datasheet HTML 4Page - STMicroelectronics UM0613 Datasheet HTML 5Page - STMicroelectronics UM0613 Datasheet HTML 6Page - STMicroelectronics UM0613 Datasheet HTML 7Page - STMicroelectronics UM0613 Datasheet HTML 8Page - STMicroelectronics UM0613 Datasheet HTML 9Page - STMicroelectronics UM0613 Datasheet HTML 10Page - STMicroelectronics UM0613 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UM0613
Efficiency results
Doc ID 15186 Rev 1
9/11
6
Efficiency results
External components as per Table 2
Figure 5.
Efficiency vs. IOUT
Figure 6.
Efficiency vs. VIN
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
0
20
40
60
80
100
120
140
160
I
OUT [mA]
V
IN = 3.6 V
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
0
20
40
60
80
100
120
140
160
I
OUT [mA]
V
IN = 3.6 V
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V
IN [V]
I
OUT = 100 mA
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V
IN [V]
I
OUT = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com