Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0613 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0613
Description  Dual DC-DC converter for powering an AMOLED display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0613 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0613 Datasheet HTML 1Page - STMicroelectronics UM0613 Datasheet HTML 2Page - STMicroelectronics UM0613 Datasheet HTML 3Page - STMicroelectronics UM0613 Datasheet HTML 4Page - STMicroelectronics UM0613 Datasheet HTML 5Page - STMicroelectronics UM0613 Datasheet HTML 6Page - STMicroelectronics UM0613 Datasheet HTML 7Page - STMicroelectronics UM0613 Datasheet HTML 8Page - STMicroelectronics UM0613 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UM0613
Demonstration board BOM and schematic
Doc ID 15186 Rev 1
5/11
3
Demonstration board BOM and schematic
Table 2 shows the components used in the STOD02 demonstration board, however the
STOD02 operation is not limited to the use of these components.
Table 2.
BOM list
Component
Manufacturer
Part number
Value
Size
L+
MARUWA
CXFU 0208 – 4R7
4.7 µH
3.3 x 3.3 x 0.8 mm
L-
MARUWA
CXFU 0208 – 4R7
4.7 µH
3.3 x 3.3 x 0.8 mm
CIN
MURATA
GRM188R60J475KE19
4.7 µF
0603
COUT+
MURATA
GRM188R60J475KE19
4.7 µF
0603
COUT-
MURATA
GRM188R60J475KE19
4.7 µF
0603
Cref
MURATA
GRM188F51A105ZA01
1.0 µF
0402
Figure 2.
Demonstration board schematic
11
12
1
3
9
10
2
5
8
7
6
STOD02
11
12
1
3
9
10
2
5
8
7
6
STOD02



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com