Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3352 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3352
Description  Dual LNB power supply based on the LNBH24L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3352 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3352 Datasheet HTML 12Page - STMicroelectronics AN3352 Datasheet HTML 13Page - STMicroelectronics AN3352 Datasheet HTML 14Page - STMicroelectronics AN3352 Datasheet HTML 15Page - STMicroelectronics AN3352 Datasheet HTML 16Page - STMicroelectronics AN3352 Datasheet HTML 17Page - STMicroelectronics AN3352 Datasheet HTML 18Page - STMicroelectronics AN3352 Datasheet HTML 19Page - STMicroelectronics AN3352 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Component selection guidelines
AN3352
16/26
Doc ID 018526 Rev 3
damage to the attached devices. In applications where it is required to protect against
lightning surges, transient voltage suppressor (TVS) devices like the LNBTVSx-22xx can be
used to protect the LNBH24L and the other devices electrically connected to the antenna
cable.The LNBTVSx-22xx diodes, developed by STMicroelectronics, are dedicated to
lightning and electrical overstress surge protection for LNBHxx voltage regulators. These
protection diodes were designed to comply with the stringent IEC61000-4-5 standard with
surges up to 500 A in a whole range of products.
Note:
TVS diodes have intrinsic capacitance that attenuates the RF signal. For this reason, the
LNBTVSx-22xx cannot be directly connected to the IF (RX/TX) cable connector that carries
the RF signals coming from the LNB. To suppress effects of the intrinsic capacitance, an
inductance must be placed in series with the TVS diode (see Figure 6 example). The goal of
the L series inductance added to the CLNBTVS is to be transparent at 22 kHz and to reject
frequencies higher than 900 MHz.The value of the series inductance is usually >13 nH, with
a current capability higher than the IPP (peak pulse current) expected during the surge.
The selection of the TVS diode must be based on the maximum peak power dissipation that
the diode is capable of supporting.
Select the TVS diode which is capable of supporting the required Ipp (A) value indicated in
Table 7
.
Figure 8.
Example of LNBTVS diode connection
D2
VoRX
EXTM
LNBH24L
C10
VoTX
C15
R9
D3
1N4007
D6
LNBTVSx -22xx
IF Connector
Lseries >13nH
D2
C10
R9
Table 7.
Recommended LNBTVS
Vendor
Part number
VBRTYP (V)
Ipp (A) 8/20 µs
STMicroelectronics
LNBTVS4-220S
23.1
334
LNBTVS4-221S
23.1
334
LNBTVS4-222S
23.1
334
LNBTVS6-221S
23.1
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com