Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC485 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC485 Datasheet HTML 4Page - Linear Technology LTC485 Datasheet HTML 5Page - Linear Technology LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology LTC485 Datasheet HTML 10Page - Linear Technology LTC485 Datasheet HTML 11Page - Linear Technology LTC485 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LTC485
8
485fk
For more information www.linear.com/LTC485
Basic Theory of Operation
Previous RS485 transceivers have been designed using
bipolar technology because the common mode range
of the device must extend beyond the supplies and the
device must be immune to ESD damage and latchup.
Unfortunately, the bipolar devices draw a large amount of
supply current, which is unacceptable for the numerous
applications that require low power consumption. The
LTC485 is the first CMOS RS485/RS422 transceiver which
features ultralow power consumption without sacrificing
ESD and latchup immunity.
The LTC485 uses a proprietary driver output stage, which
allows a common-mode range that extends beyond the
power supplies while virtually eliminating latchup and
providing excellent ESD protection. Figure 9 shows the
LTC485outputstagewhileFigure10showsaconventional
CMOS output stage.
When the conventional CMOS output stage of Figure 10
enters a high impedance state, both the P-channel (P1)
and the N-channel (N1) are turned off. If the output is
then driven above VCC or below ground, the P + /N-well
Figure 9. LTC485 Output Stage
diode (D1) or the N + /P-substrate diode (D2) respectively
will turn on and clamp the output to the supply. Thus,
the output stage is no longer in a high impedance state
and is not able to meet the RS485 common mode range
requirement. In addition, the large amount of current
flowing through either diode will induce the well known
CMOS latchup condition, which could destroy the device.
The LTC485 output stage of Figure 9 eliminates these
problems by adding two Schottky diodes, SD3 and SD4.
The Schottky diodes are fabricated by a proprietary modi-
fication to the standard N-well CMOS process. When the
output stage is operating normally, the Schottky diodes
are forward biased and have a small voltage drop across
them. When the output is in the high impedance state and
is driven above VCC or below ground, the parasitic diodes
D1 or D2 still turn on, but SD3 or SD4 will reverse bias
and prevent current from flowing into the N-well or the
substrate. Thus, the high impedance state is maintained
even with the output voltage beyond the supplies. With
no minority carrier current flowing into the N-well or
substrate, latchup is virtually eliminated under power-up
or power-down conditions.
APPLICATIONS INFORMATION
Figure 10. Conventional CMOS Output Stage
LOGIC
VCC
SD3
P1
D1
OUTPUT
SD4
D2
N1
485 F09
LOGIC
VCC
P1
D1
OUTPUT
D2
N1
485 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com