Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC485 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 5 Page - Linear Technology

  LTC485 Datasheet HTML 1Page - Linear Technology LTC485 Datasheet HTML 2Page - Linear Technology LTC485 Datasheet HTML 3Page - Linear Technology LTC485 Datasheet HTML 4Page - Linear Technology LTC485 Datasheet HTML 5Page - Linear Technology LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LTC485
5
485fk
For more information www.linear.com/LTC485
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver |tPLH – tPHL|
vs Temperature
Driver Skew vs Temperature
Supply Current vs Temperature
TEMPERATURE (°C)
–50
3.0
3.5
4.5
5.0
5.5
75
7.5
485 G10
4.0
0
125
6.0
6.5
7.0
–25
25
50
100
TEMPERATURE (°C)
–50
0
0.6
1.8
2.4
3.0
75
5.4
485 G11
1.2
0
125
3.6
4.2
4.8
–25
25
50
100
TEMPERATURE (°C)
–50
100
160
280
340
400
75
640
485 G12
220
0
125
460
520
580
–25
25
50
100
DRIVER ENABLED
DRIVER DISABLED
PIN FUNCTIONS
RO (Pin 1): Receiver Output. If the receiver output is en-
abled (RE low), then if A > B by 200mV, RO will be high.
If A < B by 200mV, then RO will be low.
RE (Pin 2): Receiver Output Enable. A low enables the
receiveroutput,RO.Ahighinputforcesthereceiveroutput
into a high impedance state.
DE (Pin 3): Driver Output Enable. A high on DE enables
the driver outputs, A and B, and the chip will function as
a line driver. A low input will force the driver outputs into
a high impedance state and the chip will function as a
line receiver.
DI (Pin 4): Driver Input. If the driver outputs are enabled
(DE high), then a low on DI forces the outputs A low and
B high. A high on DI with the driver outputs enabled will
force A high and B low.
GND (Pin 5): Ground Connection.
A (Pin 6): Driver Output/Receiver Input.
B (Pin 7): Driver Output/Receiver Input.
VCC (Pin 8): Positive Supply; 4.75 < VCC < 5.25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com