Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3373 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3373
Description  PM8803 is a highly integrated device embedding
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3373 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3373 Datasheet HTML 2Page - STMicroelectronics AN3373 Datasheet HTML 3Page - STMicroelectronics AN3373 Datasheet HTML 4Page - STMicroelectronics AN3373 Datasheet HTML 5Page - STMicroelectronics AN3373 Datasheet HTML 6Page - STMicroelectronics AN3373 Datasheet HTML 7Page - STMicroelectronics AN3373 Datasheet HTML 8Page - STMicroelectronics AN3373 Datasheet HTML 9Page - STMicroelectronics AN3373 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
3
Bill of material
Table 2 shows the bill of material for the PoE converter based on the PM8803.
Table 2.
Bill of material
Qty.
Reference
Description
Value
Tol.
Voltage
Body
Vendor
1
EVALPM8803 FLY rev1
Board PCB
8
C1,C2,C3,C4,C11C36,C44,C45
Ceramic capacitor
100 nF
50 V
603
Std
4
C5,C6,C7,C8
Ceramic capacitor
10 nF
10%
100 V
603
TDK
6
C10,C39,C41,C48C53,C59
Ceramic capacitor
1 µF
20%
16 V
603
Std
1
C12
Ceramic capacitor
2.2 nF
2 kV
1812
TDK
3
C14,C16,C21
Ceramic capacitor
1 nF
10%
100 V
603
TDK
NM
C15,C24,C30
Ceramic capacitor
NM
805
NM
2
C19,C38
Ceramic capacitor
22 nF
50 V
603
Std
NM
C22
Ceramic capacitor
NM
1812
NM
1
C26
Aluminium capacitor
22 µF
20%
100 V
810x10.2
Std Low ESR
3
C27,C33,C37
Ceramic capacitor
22 µF
20%
6.3 V
805
Std
2
C28,C29
Ceramic capacitor
1 µF
20%
100 V
1206
TDK
1
C31
Ceramic capacitor
1 nF
10%
100 V
805
Std
2
C32,C60
Ceramic capacitor
0.1 µF
10%
100 V
805
TDK
1
C34
Aluminium capacitor
330 µF
6.3 V
8x10.2
Std Low ESR
NM
C40
Ceramic capacitor
NM
805
NM
NM
C43
Aluminium capacitor
NM
4x6
NM
NM
C47,C66,C69
Ceramic capacitor
NM
603
NM
1
C49
Ceramic capacitor
10 nF
50 V
603
Std
1
C50
Ceramic capacitor
100 nF
50 V
603
Std
1
C54
Ceramic capacitor
470 pF
50 V
603
Std



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com