Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3373 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3373
Description  PM8803 is a highly integrated device embedding
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3373 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3373 Datasheet HTML 1Page - STMicroelectronics AN3373 Datasheet HTML 2Page - STMicroelectronics AN3373 Datasheet HTML 3Page - STMicroelectronics AN3373 Datasheet HTML 4Page - STMicroelectronics AN3373 Datasheet HTML 5Page - STMicroelectronics AN3373 Datasheet HTML 6Page - STMicroelectronics AN3373 Datasheet HTML 7Page - STMicroelectronics AN3373 Datasheet HTML 8Page - STMicroelectronics AN3373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2011
Doc ID 018626 Rev 1
1/18
AN3373
Application note
IEEE802.3at compliant PD + PS design based on PM8803
low power, synchronous flyback PoE converter
Introduction
PM8803 is a highly integrated device embedding an IEEE802.3at compliant powered device
(PD) interface together with a PWM controller and support for auxiliary sources.
Figure 1 is an image of the PM8803 demonstration board. The same PCB can be populated
with different components to support various configurations and topologies: synchronous
flyback with or without active clamp, flyback with diode rectification, synchronous forward
with or without active clamp, forward with diode rectification.
This document focuses on a reference design for a high efficiency, low power PD (up to 7 W)
power converter based on flyback topology with synchronous rectification using the PM8803
as the main controller. This converter can be derived from a PM8803 demonstration board
with a few component changes.
Schematics of the PoE converter are given in Section 2 while the related bill of material is
detailed in Section 3. In Section 4 efficiency measurements, together with the main
waveforms of the PoE interface and the flyback converter, are shown.
Figure 1.
PM8803 FLY demonstration kit
www.st.com


Similar Part No. - AN3373

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3370 PANASONIC-AN3370 Datasheet
42Kb / 4P
Flying-Erase IC
AN3370K PANASONIC-AN3370K Datasheet
42Kb / 4P
Flying-Erase IC
logo
STMicroelectronics
AN3371 STMICROELECTRONICS-AN3371 Datasheet
427Kb / 45P
Using the hardware real-time clock
27-Sep-2012
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
2-head recording/playback amplifier IC
logo
STMicroelectronics
AN3372 STMICROELECTRONICS-AN3372 Datasheet
1Mb / 37P
This note describes digital ballast for 70 W HID lamps
09-Jan-2013
More results

Similar Description - AN3373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM81 TI-LM81 Datasheet
461Kb / 35P
The LM81 is a highly integrated data acquisition system for
logo
STMicroelectronics
UM1062 STMICROELECTRONICS-UM1062 Datasheet
1Mb / 31P
The PM8803 is a highly integrated device embedding
23-Mar-2011
UM1063 STMICROELECTRONICS-UM1063 Datasheet
1Mb / 32P
The PM8803 is a highly integrated device embedding
18-Feb-2013
logo
C-Media Electronics
CM108B CMEDIA-CM108B Datasheet
561Kb / 24P
A Highly Integrated USB Audio Single Chip
CM119B CMEDIA-CM119B Datasheet
473Kb / 29P
A Highly Integrated USB Audio Single Chip
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
Highly Integrated Solution
Rev 0; 3/19
logo
Core Technology (Shenzh...
CST92F30 CHIPSEA-CST92F30 Datasheet
3Mb / 105P
highly integrated Bluetooth 5.0 low energy SOC device
logo
Maxim Integrated Produc...
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
Highly Integrated Solution
Rev 0; 1/19
logo
List of Unclassifed Man...
MT7697 ETC2-MT7697 Datasheet
1Mb / 81P
MT7697 is a highly integrated single chip which features an application processor
logo
NXP Semiconductors
MKW2XDXXX NXP-MKW2XDXXX Datasheet
899Kb / 78P
The MKW2xD is a low power, compact integrated device
Rev. 2, 05/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com