Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4069 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4069
Description  This demonstration board is based on the STEF05 and STEF12 electronic fuses
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4069 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4069 Datasheet HTML 7Page - STMicroelectronics AN4069 Datasheet HTML 8Page - STMicroelectronics AN4069 Datasheet HTML 9Page - STMicroelectronics AN4069 Datasheet HTML 10Page - STMicroelectronics AN4069 Datasheet HTML 11Page - STMicroelectronics AN4069 Datasheet HTML 12Page - STMicroelectronics AN4069 Datasheet HTML 13Page - STMicroelectronics AN4069 Datasheet HTML 14Page - STMicroelectronics AN4069 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AN4069
Overvoltage clamping circuit
Doc ID 022926 Rev 1
11/16
7
Overvoltage clamping circuit
This internal protection circuit clamps the output voltage to a maximum safe value, typically
6.65 V on the STEF05 and 15 V on the STEF12, if the input voltage exceeds these
thresholds.
The output voltage remains at those levels until the overvoltage condition is removed or a
thermal fault occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com