Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4075 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4075
Description  STEVAL-IFP016V2 IO-Link communication master transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4075 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4075 Datasheet HTML 5Page - STMicroelectronics AN4075 Datasheet HTML 6Page - STMicroelectronics AN4075 Datasheet HTML 7Page - STMicroelectronics AN4075 Datasheet HTML 8Page - STMicroelectronics AN4075 Datasheet HTML 9Page - STMicroelectronics AN4075 Datasheet HTML 10Page - STMicroelectronics AN4075 Datasheet HTML 11Page - STMicroelectronics AN4075 Datasheet HTML 12Page - STMicroelectronics AN4075 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AN4075
Board description
Doc ID 022954 Rev 1
9/23
Table 4.
STEVAL-IFP016V2 component list
Part reference
Part value
Part description
C1
4.7 nF
Y5U capacitor
C3
10 µF - 50 V
Ceramic capacitor
C4
100 nF
Ceramic capacitor
C5
560 pF
Ceramic capacitor
C6
560 pF
Ceramic capacitor
C7
100 nF
Ceramic capacitor
C8
100 nF
Ceramic capacitor
C9
100 nF
Ceramic capacitor
C10
1 µF - 50 V
Ceramic capacitor
C11
100 nF
Ceramic capacitor
C12
10 nF
Ceramic capacitor
C13
1 nF
Ceramic capacitor
C14
4.7 nF
Y5U capacitor
TR1
SM15T33A
Unidirectional Transil™
TR2
SPT01-335DEE
Triple Transil
D1
STPS1L40M
Schottky diode
D2
STPS1L40M
Schottky diode
D3
LED - yellow
D4
LED - yellow
D5
LED - red
D6
LED - green
R1
100 k
Ω
Resistor
R2
100 k
Ω
Resistor
R3
270
Ω
Resistor
R4
270
Ω
Resistor
R5
270
Ω
Resistor
R6
270
Ω
Trimmer
R7
0
Ω
R8
270
Ω
Resistor
R9
270
Ω
Resistor
R10
15
Ω
Resistor
R11
430
Ω
Resistor
R12
270
Ω
Resistor
R13
270
Ω
Resistor
R14
270
Ω
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com