Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4075 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4075
Description  STEVAL-IFP016V2 IO-Link communication master transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4075 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4075 Datasheet HTML 1Page - STMicroelectronics AN4075 Datasheet HTML 2Page - STMicroelectronics AN4075 Datasheet HTML 3Page - STMicroelectronics AN4075 Datasheet HTML 4Page - STMicroelectronics AN4075 Datasheet HTML 5Page - STMicroelectronics AN4075 Datasheet HTML 6Page - STMicroelectronics AN4075 Datasheet HTML 7Page - STMicroelectronics AN4075 Datasheet HTML 8Page - STMicroelectronics AN4075 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AN4075
Features
Doc ID 022954 Rev 1
5/23
1
Features
●
Supply voltage from 18 to 32.5 V
●
Fully protected, programmable output stages
●
Supports COM1, COM2 and COM3 mode
●
5 mA IO-Link digital input
●
Additional IEC61131-2 type-1 input
●
3.3 V / 5 V, 50 mA linear regulator
●
Fast mode I2C for IC control, configuration and diagnostic
●
Diagnostic dual-LED sequence generator and driver
●
5 V and 3.3 V compatible I/Os
●
Interface compatible with STEVAL-PCC009V2 and STEVAL-PCC009V1
●
EMC-immune application against ESD, burst, surge, RF noise, etc. according to
IEC61000-4-2, IEC61000-4-4, IEC61000-4-5, IEC61000-4-6 standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com