Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4077 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4077 Datasheet HTML 1Page - STMicroelectronics AN4077 Datasheet HTML 2Page - STMicroelectronics AN4077 Datasheet HTML 3Page - STMicroelectronics AN4077 Datasheet HTML 4Page - STMicroelectronics AN4077 Datasheet HTML 5Page - STMicroelectronics AN4077 Datasheet HTML 6Page - STMicroelectronics AN4077 Datasheet HTML 7Page - STMicroelectronics AN4077 Datasheet HTML 8Page - STMicroelectronics AN4077 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AN4077
Main characteristics and circuit description
Doc ID 022997 Rev 1
5/33
1
Main characteristics and circuit description
SMPS main features are listed below:
This demonstration board implements a power factor correction (PFC) pre-regulator, 100 W
continuous power on a regulated 400 V rail from a wide-range mains voltage and provides
for the reduction of the mains harmonics, allowing the European EN61000-3-2 or the
Japanese JEITA-MITI standard to be met. The regulated output voltage is typically the input
for the cascaded isolated DC-DC converter that provides the output rails required by the
load.
The board is designed to allow full load operation in still air.
The power stage of the PFC is a conventional boost converter, connected to the output of
the rectifier bridge D1. It is completed by the coil L2, the diode D3 and the capacitor C6. The
boost switch is represented by the Power MOSFET Q1. The NTC R1 limits the inrush
current at switch-on. It has been connected on the DC rail, in series to the output electrolytic
capacitor, in order to improve efficiency during low line operation because the RMS current
flowing into the output stage is lower than the current flowing into the input stage at the
same input voltage, therefore efficiency is increased. The board is equipped with an input
EMI filter necessary to filter the commutation noise coming from the boost stage.
At startup, the L6564H is powered by the VCC capacitor C11 that is charged via the high
voltage startup source, the L2 secondary winding and the charge pump circuit (C7, R4, D4
and D5) then generate the VCC voltage powering the L6564H during normal operations. The
L2 secondary winding is also connected to the L6564H pin #11 (ZCD) through the resistor
R5. Its purpose is to supply the information that L2 has demagnetized, needed by the
internal logic for triggering a new switching cycle.
The divider R9, R12, R17 and R19 provides, to the L6564H multiplier, the information of the
instantaneous mains voltage that is used to modulate the peak current of the boost.
The resistors R2, R8, R10 with R13 and R14 are dedicated to sensing the output voltage
and feed the L6564H the feedback information necessary to maintain the output voltage
Table 1.
Main characteristics and circuit description
Parameter
Value
Line voltage range
90 to 265Vac
Minimum line frequency (fL)
47Hz
Regulated output voltage
400 V
Rated output power
100 W
Maximum 2fL output voltage ripple
20V pk-pk
Hold-up time
10 ms (VDROP after hold-up time: 300V)
Minimum switching frequency
40kHz
Minimum estimated efficiency
92% (@Vin=90 Vac, Pout=100 W)
Maximum ambient temperature
50°C
PCB type and size
Single-side, 35 µm, CEM-1, 90x83 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com