Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4116 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 30Page - STMicroelectronics AN4116 Datasheet HTML 31Page - STMicroelectronics AN4116 Datasheet HTML 32Page - STMicroelectronics AN4116 Datasheet HTML 33Page - STMicroelectronics AN4116 Datasheet HTML 34Page - STMicroelectronics AN4116 Datasheet HTML 35Page - STMicroelectronics AN4116 Datasheet HTML 36Page - STMicroelectronics AN4116 Datasheet HTML 37Page - STMicroelectronics AN4116 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Test equipment and measurement of efficiency and light load performance
AN4116
34/38
Doc ID 023220 Rev 1
In the case of high UUT input current (i.e. for measurements in heavy load conditions), the
voltage drop can be relevant compared to the UUT real input voltage. If this is the case, the
switch in
Figure 54 can be changed to position 2 (see simplified scheme of Figure 56),
where the UUT input voltage is measured directly at the UUT input terminal and the input
current does not affect the measured input voltage.
On the other hand, the position of
Figure 56 may introduce a relevant error during light load
measurements, when the UUT input current is low and the leakage current inside the
voltmeter itself (which is not an ideal instrument and doesn't have infinite input resistance) is
not negligible. This is why it is recommended to use the setting of
Figure 55 for light load
measurements and the setting of
Figure 56 for heavy load measurements.
If it is not clear which measurement scheme has the lesser effect on the result, try with both
and register the lower input power value.
As noted in IEC 62301, instantaneous measurements are appropriate when power readings
are stable. The UUT is operated at 100% of nameplate output current for at least 30 minutes
(warm-up period) immediately prior to conducting efficiency measurements. After this warm-
up period, the AC input power is monitored for a period of 5 minutes to assess the stability of
the UUT. If the power level does not drift by more than 5% from the maximum value
Figure 55.
Switch in position 1 - setting for standby measurements
Figure 56.
Switch in position 2 - setting for efficiency measurements
AM13106v1
V
+
-
A
~
AC
SOURCE
UUT
U.U.T.
AC
INPUT
Voltmeter
Ammeter
Wattmeter
AM13107v1
V
+
-
~
AC
SOURCE
UUT
U.U.T.
AC
INPUT
Voltmeter
Ammeter
A
Wattmeter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com