Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4116 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4116 Datasheet HTML 1Page - STMicroelectronics AN4116 Datasheet HTML 2Page - STMicroelectronics AN4116 Datasheet HTML 3Page - STMicroelectronics AN4116 Datasheet HTML 4Page - STMicroelectronics AN4116 Datasheet HTML 5Page - STMicroelectronics AN4116 Datasheet HTML 6Page - STMicroelectronics AN4116 Datasheet HTML 7Page - STMicroelectronics AN4116 Datasheet HTML 8Page - STMicroelectronics AN4116 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
AN4116
List of figures
Doc ID 023220 Rev 1
5/38
Figure 48.
Peak measurements @ VIN=230 VAC, full load, TAMB=25 ×C; IC externally biased . . . . . 29
Figure 49.
Quasi-peak measurements @ VIN=115 VAC, full load, TAMB=25 ×C; IC externally biased 29
Figure 50.
Quasi-peak measurements @ VIN=230 VAC, full load, TAMB=25 ×C; IC externally biased 29
Figure 51.
Average measurements @ VIN=115 VAC, full load, TAMB=25 ×C; IC externally biased . . . 30
Figure 52.
Average measurements @ VIN=230 VAC, full load, TAMB=25 ×C; IC externally biased . . . 30
Figure 53.
Board layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 54.
Connections of the UUT to the wattmeter for power measurements . . . . . . . . . . . . . . . . . 33
Figure 55.
Switch in position 1 - setting for standby measurements . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 56.
Switch in position 2 - setting for efficiency measurements . . . . . . . . . . . . . . . . . . . . . . . . . 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com