Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4158 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 17Page - STMicroelectronics AN4158 Datasheet HTML 18Page - STMicroelectronics AN4158 Datasheet HTML 19Page - STMicroelectronics AN4158 Datasheet HTML 20Page - STMicroelectronics AN4158 Datasheet HTML 21Page - STMicroelectronics AN4158 Datasheet HTML 22Page - STMicroelectronics AN4158 Datasheet HTML 23Page - STMicroelectronics AN4158 Datasheet HTML 24Page - STMicroelectronics AN4158 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID023635 Rev 2
21/34
AN4158
STMicroelectronics enhanced current control
34
4
STMicroelectronics enhanced current control
The new L6472 and L6474 devices implement a new advanced current control algorithm
that increases the system performance in both full step and microstepping driving.
As discussed in previous paragraphs, the decay mode of a peak current control algorithm is
a critical choice concerning performance and stability of the system.
In particular, the control system must choose between slow and fast decay considering the
following trade-off:
Slow decay allows lower current ripples (more accurate average current, lower power
dissipation, lower noise), but it may fail to reduce the current bringing the system into
a minimum on-time limit condition (see Section 3.2 on page 17).
Fast decay increases the robustness to the minimum on-time limit, but it implies
a higher current ripple (higher average current error, higher power dissipation).
The best solution is a compromise between the two methods, where the fast decay is used
only when needed and for the shortest time possible. The auto adjusted decay system
addresses this balance.
4.1
Peak current control with auto adjusted decay
The new current control algorithm is based on the parameters listed in Table 5.
The first three parameters are used when the system keeps the phase current constant; the
fourth parameter is used when the reference current is decreased only (see Section 4.1.2).
Table 5. Peak current control parameters
Symbol
Name
Description
tOFF
Off-time
It sets the current decay duration of the control cycle (fixed
off-time current control).
tON_MIN
Target minimum on-time
It defines which is the shortest on-time (i.e. the time to reach
reference current) which guarantees a correct operation of
the control algorithm (Figure 16). This parameter should be
set to a value higher than the intrinsic minimum on-time of the
system.
tOFF_FAST
Maximum fast decay
time
It is the maximum duration of a fast decay during operation of
the current control system.
tFAST_STEP Maximum step fall time
It is the maximum duration of a fast decay during reference
current changing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com