Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4158 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 19Page - STMicroelectronics AN4158 Datasheet HTML 20Page - STMicroelectronics AN4158 Datasheet HTML 21Page - STMicroelectronics AN4158 Datasheet HTML 22Page - STMicroelectronics AN4158 Datasheet HTML 23Page - STMicroelectronics AN4158 Datasheet HTML 24Page - STMicroelectronics AN4158 Datasheet HTML 25Page - STMicroelectronics AN4158 Datasheet HTML 26Page - STMicroelectronics AN4158 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
DocID023635 Rev 2
23/34
AN4158
STMicroelectronics enhanced current control
34
Figure 18. Decay strategy change due to second on-time threshold violation
The tFAST value is regulated according to the following rules:
At the first occurrence of the minimum on-time violation, the fast decay duration is set
to tOFF_FAST /8.
If a further minimum on-time violation occurs, a new fast decay is used with double the
length of the previous one (tFAST = 2 x tFAST).
The maximum tFAST value is set by the tOFF_FAST parameter.
At the next minimum on-time violation the sequence starts from the last tFAST value used
(except if a current reference change occurred, see Section 4.1.1).
The tFAST value obtained using this sequence is used by the control system during the
decay phase when the slow and fast decay combination is used. Figure 19 shows an
example of the system operation.
Figure 19. Fast decay time regulation
4.1.1
Rising and falling steps (reference current changes)
In microstepping operation the current reference changes according to the point of the
current sinewave which must be obtained.
When the reference value is changed, there are two cases:
1.
The reference current is increased. This event is called “rising step”.
2.
The reference current is reduced. This event is called “falling step”.
These events are managed by the L6472 and L6474 current control, as follows.
In the case of rising step the phase is immediately turned on regardless of the control cycle
conditions and the system switches to slow decay strategy. If the tFAST value has been
increased during the previous microstep (see Section 4.1), it is halved (tFAST = tFAST / 2).
t
ON_MIN
t
ON_MIN
t
on < tON_MIN
t
on > tON_MIN
t
on
t
on
t
fast
t
on > tON_MIN
t
The second violation causes the control system
to change the decay strategy.
A slow decay followed by a fast decay are used
from now, until the change of the reference current.
First minimum on-time violation.
Fast decay is used.
t
ON_MIN
t
ON_MIN
t
on
OFF
t
on
t
fast
t
fast
System returns to normal
operation (slow decay)
t
on < t ON_MIN
Second minimum
on-time violation.
Fast decay is used.
Reference current
AM15120v1
t
ON_MIN
t
ON_MIN
t
ON_MIN
t
on < tON_MIN
t
on < tON_MIN
t
on
t
on
t
on
t
t
fast
t
fast
t
fast
t
on > tON_MIN
slow + fast decay strategy
with t
fast = 1/4 x tOFF_FAST
1st fast decay
t
fast = 1/8 x t OFF_FAST
2nd fast decay
t
fast = 1/4 x t OFF_FAST
Reference current
AM15121v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com