Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4159 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4159
Description  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4159 Datasheet HTML 10Page - STMicroelectronics AN4159 Datasheet HTML 11Page - STMicroelectronics AN4159 Datasheet HTML 12Page - STMicroelectronics AN4159 Datasheet HTML 13Page - STMicroelectronics AN4159 Datasheet HTML 14Page - STMicroelectronics AN4159 Datasheet HTML 15Page - STMicroelectronics AN4159 Datasheet HTML 16Page - STMicroelectronics AN4159 Datasheet HTML 17Page - STMicroelectronics AN4159 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Software
AN4159
14/27
Doc ID 023639 Rev 3
6
Software
6.1
Device register list
6.2
Hints
●
(AVGT,AVGP) = (128,512) (RES=0x7A) is not supported with 25/25 Hz ODR.
–
We recommend to use 0x79 as default value to try in a new system
–
Symptom of wrong configuration can be pressure stuck to 760 mb
●
If the I2C line have glitches and slaves are holding SDA low, a simple I2C error
recovery would be to send 9 stop bits (which will flush the bus), this is usually done by
S/W using the I2C GPIOs resources of the host device. A good practice would be to
check that SDA is high prior to generating a START bit.
Table 3.
Registers address map
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved (do not modify)
00-07 0D - 0E
Reserved
REF_P_XL
R/W
8
1000
0
REF_P_L
R/W
9
1001
0
REF_P_H
R/W
0 A
1010
0
WHO_AM_I
R
0 F
1111
10111011
Dummy register
RES_CONF
R/W
10
10000
11111010
Reserved (do not modify)
11-1F
Reserved
CTRL_REG1
R/W
20
010 0000
0
CTRL_REG2
R/W
21
010 0001
0
CTRL_REG3
R/W
22
010 0010
0
INT_CFG_REG
R/W
23
100011
0
INT_SOURCE_REG
R
24
100100
0
THS_P_LOW_REG
R/W
25
100101
0
THS_P_HIGH_REG
R/W
26
100110
0
STATUS_REG
R
27
010 0111
0
PRESS_POUT_XL_REH
R
28
010 1000
output
PRESS_OUT_L
R
29
010 1001
output
PRESS_OUT_H
R
2A
010 1010
output
TEMP_OUT_L
R
2B
010 1011
output
TEMP_OUT_H
R
2C
010 1100
output
Reserved (do not modify)
2D-2F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com