Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0677 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0677
Description  High-efficiency switching LED driver for high-current LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0677 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0677 Datasheet HTML 4Page - STMicroelectronics UM0677 Datasheet HTML 5Page - STMicroelectronics UM0677 Datasheet HTML 6Page - STMicroelectronics UM0677 Datasheet HTML 7Page - STMicroelectronics UM0677 Datasheet HTML 8Page - STMicroelectronics UM0677 Datasheet HTML 9Page - STMicroelectronics UM0677 Datasheet HTML 10Page - STMicroelectronics UM0677 Datasheet HTML 11Page - STMicroelectronics UM0677 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Description of reference design
UM0677
8/16
Doc ID 15396 Rev 2
2.2
Dimming interface
For more advanced applications, the reference design also includes an interface for
dimming. The board itself does not include any signal generator, but to keep universality
with different control schemes (analog or digital dimming) a three-pin connector was built in
as depicted in Figure 3. A supply voltage of 6 V VCC can serve as an external PWM
generator (implemented by either the microcontroller or by comparators). The PWM pin is
an universal dimming input, working with both analog and digital dimming. Any voltage
above 2.5 V is considered as 0% power, i.e. the analog dimming works in the range from
0 V to 2.5 V, where 0 V (grounding the pin) results in full power. The standard 3.3 V logic
levels can be used as a PWM control signal for digital dimming. In this case the brightness
changes from 0% (full power) to 99% (minimum power) duty cycle. If the driver is used
without the PWM generator, pins 1 (GND) and 2 (PWM) on the PWM connector must be
connected together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com