Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0677 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0677
Description  High-efficiency switching LED driver for high-current LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0677 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0677 Datasheet HTML 1Page - STMicroelectronics UM0677 Datasheet HTML 2Page - STMicroelectronics UM0677 Datasheet HTML 3Page - STMicroelectronics UM0677 Datasheet HTML 4Page - STMicroelectronics UM0677 Datasheet HTML 5Page - STMicroelectronics UM0677 Datasheet HTML 6Page - STMicroelectronics UM0677 Datasheet HTML 7Page - STMicroelectronics UM0677 Datasheet HTML 8Page - STMicroelectronics UM0677 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
May 2010
Doc ID 15396 Rev 2
1/16
UM0677
User manual
High-efficiency switching LED driver
for high-current LEDs
1
Introduction
The progress made in the field of LEDs has led to rapid and impressive results in output
current capabilities. A short time ago the most advanced LEDs had current at 0.350 A, soon
followed by 0.7 A and then 1 A devices. Nowadays even LEDs with several amps of output
are present on the market. These high currents are increasing the requirements on the
driving circuitry for both efficiency and features. This document presents the demonstration
board designed for 2.8 A LEDs (1-3 in a series string) focusing on easy dimming and high
efficiency.
Figure 1.
STEVAL-ILL023V1 - 2.8 A LED driver (LED is not included in the kit)
www.st.com


Similar Part No. - UM0677

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0670 STMICROELECTRONICS-UM0670 Datasheet
1Mb / 43P
80 W offline LED driver with PFC
10-Aug-2009
UM0672 STMICROELECTRONICS-UM0672 Datasheet
338Kb / 15P
CRX14 and CR14 reference design PCB Gerber files
23-Jan-2009
UM0673 STMICROELECTRONICS-UM0673 Datasheet
757Kb / 19P
The power board STEVAL-ISF001V2 is a 3 kW PFC designed
19-Dec-2012
More results

Similar Description - UM0677

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5114 GMT-G5114 Datasheet
428Kb / 9P
High Efficiency, Constant Current Output for 8 Series LEDs Driver
G5115 GMT-G5115 Datasheet
423Kb / 9P
High Efficiency, Constant Current Output for 4 Series LEDs Driver
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
High Efficiency, Constant Current White-LEDs Driver
logo
Global Mixed-mode Techn...
G2621 GMT-G2621 Datasheet
95Kb / 1P
High Efficiency, Constant Current 40V White-LEDs Driver
G2619 GMT-G2619 Datasheet
109Kb / 1P
High Efficiency, Constant Current 20V White- LEDs Driver
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
High Efficiency, Constant Current 20V White-LEDs Driver
AT5160 GMT-AT5160 Datasheet
121Kb / 2P
High Efficiency, Constant Current 40V White-LEDs Driver
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com