Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1041 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1041
Description  BANG-BANG Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1041 Datasheet(HTML) 2 Page - Linear Technology

  LTC1041 Datasheet HTML 1Page - Linear Technology LTC1041 Datasheet HTML 2Page - Linear Technology LTC1041 Datasheet HTML 3Page - Linear Technology LTC1041 Datasheet HTML 4Page - Linear Technology LTC1041 Datasheet HTML 5Page - Linear Technology LTC1041 Datasheet HTML 6Page - Linear Technology LTC1041 Datasheet HTML 7Page - Linear Technology LTC1041 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC1041
2
1041fa
ORDER PART
NUMBER
LTC1041CN8
LTC1041CS8
LTC1041MJ8
J8 PACKAGE
8-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
N8 PACKAGE
8-LEAD PDIP
TOP VIEW
1
2
3
4
8
7
6
5
ON / OFF
VIN
SET POINT
GND
V+
VP-P
OSC
DELTA
S8 PACKAGE
8-LEAD PDIP
TJMAX = 110°C, θJA = 150°C/W (N8)
TJMAX = 150°C, θJA = 150°C/W (S8)
Total Supply Voltage (V+ to V –) .............................. 18V
Input Voltage ........................ (V+ + 0.3V) to (V – – 0.3V)
Operating Temperature Range
LTC1041C ......................................... – 40
°C to 85°C
LTC1041M (OBSOLETE) .................. – 55
°C to125°C
Storage Temperature Range ................. – 55
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Output Short Circuit Duration ....................... Continuous
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test Conditions: V+ = 5V, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
TC1041M/LTC1041C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SET POINT Error (Note 3)
V + = 2.8V to 6V (Note 2)
±0.3
±0.5
mV
q
+
+
±0.05
±0.1
% of DELTA
V + = 6V to 15V (Note 2)
±1
±3mV
q
+
+
±0.05
±0.1
% of DELTA
Deadband Error (Note 4)
V + = 2.8V to 6V (Note 2)
±0.6
±1mV
q
+
+
±0.1
±0.2
% of DELTA
V + = 6V to 15V (Note 2)
±2
±6
q
+
+
±0.1
±0.2
% of DELTA
IOS
Input Current
V + = 5V, TA = 25°C, OSC = GND
±0.3
nA
(VIN, SET POINT and DELTA Inputs)
RIN
Equivalent Input Resistance
fS = 1kHz (Note 5)
q
10
15
M
Ω
Input Voltage Range
q
GND
V +
V
PSR
Power Supply Range
q
2.8
16
V
IS(ON)
Power Supply ON
V + = 5V, VP-P ON
q
1.2
3
mA
Current (Note 6)
IS(OFF)
Power Supply OFF
V + = 5V, VP-P OFF
LTC1041C
q
0.001
0.5
µA
Current (Note 6)
LTC1041M
q
0.001
5
µA
tD
Response Time (Note 7)
V + = 5V
60
80
100
µs
ON/OFF Output (Note 8)
VOH
Logical “1” Output Voltage
V + = 4.75V, IOUT = –360µA
q
2.4
4.4
V
VOL
Logical “0” Output Voltage
V + = 4.75V, IOUT = 1.6mA
0.25
0.4
V
REXT
External Timing Resistor
Resistor Connected between V+ and OSC Pin
q
100
10,000
k
Ω
fS
Sampling Frequency
V + = 5V, TA = 25°C,
5
Hz
REXT = 1M CEXT = 0.1µF
OBSOLETE PACKAGE
Consider the N8 Package as an Alternate Source
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Applies over input voltage range limit and includes gain
uncertainty.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com