Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1041 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1041
Description  BANG-BANG Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1041 Datasheet(HTML) 6 Page - Linear Technology

  LTC1041 Datasheet HTML 1Page - Linear Technology LTC1041 Datasheet HTML 2Page - Linear Technology LTC1041 Datasheet HTML 3Page - Linear Technology LTC1041 Datasheet HTML 4Page - Linear Technology LTC1041 Datasheet HTML 5Page - Linear Technology LTC1041 Datasheet HTML 6Page - Linear Technology LTC1041 Datasheet HTML 7Page - Linear Technology LTC1041 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC1041
6
1041fa
APPLICATIO S I FOR ATIO
If the best possible performance is needed, the inputs to
the LTC1041 must completely settle within 4
µs of the start
of the comparison cycle (VP-P high impedance to V+
transition). Also, it is critical that the input voltages do not
change during the 80
µsactivetime.Whendrivingresistive
input networks with VP-P, capacitive loading should be
minimized to meet the 4
µs settling time requirement.
Further, care should be exercised in layout when driving
networks with source impedances, as seen by the LTC1041,
of greater than 10k
Ω (see For RS > 10kΩ).
Figure 5. Driving Reference with VP-P Output
VIN
IL
LTC1041 • AI05
LT1009-2.5
8
7
6
5
1
2
3
4
LTC1041
SET POINT
DELTA
R2
R3
R4
R1
V+
Figure 3. VP-P Output Switch
LTC1041 • AI03
80
µs
COMPARATOR ON TIME
8
V+
47
GND
Q1
P1
VP-P
Figure 4. Ratiometric Network Driven by VP-P
R3
R1
SET POINT
GND
DELTA
VIN
V+
VP-P
R2
R4
R5
R6
LTC1041 • AI04
8
7
6
5
1
2
3
4
LTC1041
In applications where an absolute reference is required,
the VP-P output can be used to drive a fast settling
reference. The LTC1009 2.5V reference settles in
≈ 2µs
and is ideal for this application (Figure 5). The current
through R1 must be large enough to supply the LT1009
minimum bias current (
≈ 1mA) and the load current, IL.
Internal Oscillator
An internal oscillator allows the LTC1041 to strobe itself.
The frequency of the oscillation, and hence the sampling
rate, is set with an external RC network (see typical curve,
Sampling Rate REXT, CEXT). REXT and CEXT are connected
as shown in Figure 1. To assure oscillation, REXT must be
between 100k
Ω and 10MΩ. There is no limit to the size of
CEXT.
At low sampling rates, REXT is very important in
determining the power consumption. REXT consumes
power continuously. The average voltage at the OSC pin
is approximately V+/2, giving a power dissipation of
PREXT = (V+/ 2)2/REXT.
Example:
assume REXT = 1MΩ, V+ = 5V, PREXT =
(2.5)2/106 = 6.25/
µW. This is approximately four times the
power consumed by the LTC1041 at V+ = 5V and
fS = 1 sample/second. Where power is a premium,
REXT should be made as large as possible. Note that the
power dissipated by REXT is not a function of fS or CEXT.
If high sampling rates are needed and power consumption
is of secondary importance, a convenient way to get the
maximum possible sampling rate is to make REXT = 100kΩ
and CEXT = 0. The sampling rate, set by the controller’s
active time, will nominally be
≈ 10kHz.
To synchronize the Sampling of the LTC1041 to an
external frequency source, the OSC pin can be driven by a
CMOS gate. A CMOS gate is necessary because the input
trip points of the oscillator are close to the supply rails and
TTL does not have enough output swing. Externally driven,
there will be a delay from the rising edge of the OSC input
and the start of the sampling cycle of approximately 5
µs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com