Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1797 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 3 Page - Linear Technology

  LT1797 Datasheet HTML 1Page - Linear Technology LT1797 Datasheet HTML 2Page - Linear Technology LT1797 Datasheet HTML 3Page - Linear Technology LT1797 Datasheet HTML 4Page - Linear Technology LT1797 Datasheet HTML 5Page - Linear Technology LT1797 Datasheet HTML 6Page - Linear Technology LT1797 Datasheet HTML 7Page - Linear Technology LT1797 Datasheet HTML 8Page - Linear Technology LT1797 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LT1797
3
1797fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 0V; VS = 5V, 0V, VCM = VOUT = half supply, pulse power tested,
unless otherwise specified. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
l
0VS
V
AVOL
Large-Signal Voltage Gain
VS = 3V, VO = 0.5V to 2.5V, RL = 10k
l
200
150
1000
V/mV
V/mV
VS = 5V, VO = 0.5V to 4.5V, RL = 10k
l
400
300
1000
V/mV
V/mV
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 12V, VCM = VO = 1V
l
80
90
dB
Minimum Supply Voltage
l
2.5
2.7
V
VOL
Output Voltage Swing LOW
No Load, Input Overdrive = 30mV
ISINK = 5mA
ISINK = 10mA
l
l
l
8
80
150
30
160
250
mV
mV
mV
VOH
Output Voltage Swing HIGH
No Load, Input Overdrive = 30mV
ISOURCE = 5mA
ISOURCE = 10mA, VS = 5V
ISOURCE = 10mA, VS = 3V
l
l
l
l
VS – 0.14
VS – 0.30
VS – 0.39
VS – 0.59
VS – 0.05
VS – 0.2
VS – 0.3
VS – 0.3
V
V
V
V
ISC
Short-Circuit Current
VS = 5V
VS = 3V
25
15
45
25
mA
mA
IS
Supply Current
l
1.1
1.5
2.0
mA
mA
GBW
Gain Bandwidth Product (Note 5)
f = 100kHz
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
6.0
5.0
4.5
10
MHz
MHz
MHz
SR
Slew Rate (Note 5)
AV = –1
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
1.3
1.1
1.0
2.25
V/μs
V/μs
V/μs
tr
Output Rise Time
10% to 90%, 0.1V Step, RL = 10k
55
ns
tf
Output Fall Time
10% to 90%, 0.1V Step, RL = 10k
55
ns
tS
Settling Time
VS = 5V, ΔVOUT = 2V to 0.1%, AV = –1
1.6
μs
THD
Distortion
VS = 3V, VOUT = 1.8VP-P, AV = 1, RL = 10k, f = 1kHz
0.001
%
FPBW
Full-Power Bandwidth (Note 6)
VOUT = 2VP-P
360
kHz
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = ±5V, VCM = 0V, VOUT = 0V, pulse power tested unless otherwise specified. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
1
1.5
2.5
3.0
mV
mV
mV
Input Offset Voltage Drift (Note 4)
l
5
20
μV/°C
IB
Input Bias Current
VCM = V–
VCM = V+
l
l
–300
–150
50
100
nA
nA
Input Bias Current Drift
l
0.1
nA/°C
IOS
Input Offset Current
VCM = V–
VCM = V+
l
l
10
10
25
25
nA
nA
Input Noise Voltage
0.1Hz to 10Hz
1
μVP-P
en
Input Noise Voltage Density
f = 10kHz
20
nV/√Hz
in
Input Noise Current Density
f = 10kHz
f = 10kHz, VCM = 4.7V
0.23
0.15
pA/√Hz
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com