Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1797 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 4 Page - Linear Technology

  LT1797 Datasheet HTML 1Page - Linear Technology LT1797 Datasheet HTML 2Page - Linear Technology LT1797 Datasheet HTML 3Page - Linear Technology LT1797 Datasheet HTML 4Page - Linear Technology LT1797 Datasheet HTML 5Page - Linear Technology LT1797 Datasheet HTML 6Page - Linear Technology LT1797 Datasheet HTML 7Page - Linear Technology LT1797 Datasheet HTML 8Page - Linear Technology LT1797 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LT1797
4
1797fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.VS = ±5V, VCM = 0V, VOUT = 0V, pulse power tested unless otherwise
specified. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Input Resistance
Differential
Common Mode, VCM = –5V to 3.7V
200
330
100
kΩ
MΩ
CIN
Input Capacitance
4pF
Input Voltage Range
l
–5
5
V
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3.7V
VCM = –5V to 5V
l
l
78
66
96
76
dB
dB
AVOL
Large-Signal Voltage Gain
VO = ±4V, RL = 10k
l
400
300
1000
V/mV
V/mV
VOL
Output Voltage Swing LOW
No Load, Input Overdrive = 30mV
ISINK = 5mA
ISINK = 10mA
l
l
l
–4.99
–4.92
–4.85
–4.97
–4.87
–4.79
V
V
V
VOH
Output Voltage Swing HIGH
No Load, Input Overdrive = 30mV
ISOURCE = 5mA
ISOURCE = 10mA
l
l
l
4.84
4.70
4.61
4.95
4.80
4.70
V
V
V
ISC
Short-Circuit Current (Note 2)
Short to GND
30
50
mA
PSRR
Power Supply Rejection Ratio
VS = ±1.35V to ±6V
l
80
90
dB
IS
Supply Current
l
1.40
2.25
3.00
mA
mA
GBW
Gain Bandwidth Product
f = 100kHz
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
6.5
5.5
5.0
11
MHz
MHz
MHz
SR
Slew Rate
AV = –1, RL = ∞, VO = ±4V, Measured at VO = ±2V
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
1.50
1.25
1.10
2.50
V/μs
V/μs
V/μs
tr
Output Rise Time
10% to 90%, 0.1V Step, RL = 10k
55
ns
tf
Output Fall Time
10% to 90%, 0.1V Step, RL = 10k
55
ns
tS
Settling Time
ΔVOUT = 4V to 0.1%, AV = 1
2.6
μs
FPBW
Full-Power Bandwidth (Note 6)
VOUT = 8VP-P
100
kHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 3: The LT1797C is guaranteed to meet 0°C to 70°C specifications and
is designed, characterized and expected to meet the extended temperature
limits, but is not tested at –40°C and 85°C. The LT1797I is guaranteed to
meet specified performance from –40°C to 85°C.
Note 4: This parameter is not 100% tested.
Note 5: VS = 3V limit guaranteed by correlation to 5V tests.
Note 6: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com