Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC222 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC222
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC222 Datasheet(HTML) 3 Page - Linear Technology

  LTC222 Datasheet HTML 1Page - Linear Technology LTC222 Datasheet HTML 2Page - Linear Technology LTC222 Datasheet HTML 3Page - Linear Technology LTC222 Datasheet HTML 4Page - Linear Technology LTC222 Datasheet HTML 5Page - Linear Technology LTC222 Datasheet HTML 6Page - Linear Technology LTC222 Datasheet HTML 7Page - Linear Technology LTC222 Datasheet HTML 8Page - Linear Technology LTC222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC221/LTC222
3
2212fa
V+ = 15V, V– = –15V, GND = 0V, unless otherwise noted.
LTC221M/LTC222M
LTC221C/LTC222C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
tON
VS = 2V, RL = 1kΩ, CL = 35pF
290
400
290
400
ns
tOFF
210
300
210
300
tOPEN
20
85
20
85
ns
Off Isolation
VS = 2Vp-p, RL = 1kΩ
75
75
dB
Crosstalk
f = 100kHz
90
90
Charge Injection OINJ
RGEN = 0Ω, CL = 1000pF, VGEN = 0
5
±25
8
±25
pC
Total Harmonic Distortion THD
VS = 2Vp-p, RL = 10kΩ
0.01
0.01
%
tON, WR
VS = 2V, RL = 1kΩ, CL = 35pF
270
400
270
400
ns
tOFF, WR
160
300
160
300
LTC221M/LTC222M
LTC221C/LTC222C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
I–
0.1
5
0.1
5
µA
●
10
10
LTC221M/LTC222M
LTC221C/LTC222C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Analog Signal Range
●
05
05
V
RON
VS = 1.5V, 3V
TMIN
450
520
Ω
ID = 0.25mA
25°C
280
450
280
520
Ω
TMAX
650
650
Ω
Off Input Leakage IS (OFF)
VD = 4V, 1V; VS = 1V, 4V
0.01
±1
0.01
±5nA
(Note 4)
●
±100
±100
nA
Off Output Leakage ID (0FF)
0.01
±1
0.01
±5nA
●
±100
±100
nA
On Channel Leakage lD (ON)
VD = VS = 1V, 4V
0.01
±1
0.01
±5nA
(Note 4)
●
±200
±200
nA
Input High Voltage VINH, VWRH
●
2.4
2.4
V
Input Low Voltage VINL, VWRL
●
0.8
0.8
V
Input High or Low Current
VIN = 5V, 0V
●
±1
±1
µA
IINH, IINL, IWRH, IWRL
VWR = 5V, 0V
CS(OFF)
5
5
pF
CD (OFF)
12
12
pF
CD, CS (ON)
30
30
pF
I+
All Channels On or Off
8
20
8
20
µA
VIN = VWR = 0V or 4.0V
●
30
30
µA
AC ELECTRICAL CHARACTERISTICS
DIGITAL A D DC ELECTRICAL CHARACTERISTICS
DIGITAL A D DC ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply
over full operating temperature range, otherwise specifications are at TA = 25°C. V+ = ±15V, V– = –15V, GND = 0V, unless noted.
The ● denotes the specifications which apply
over full operating temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V– = GND = 0V, unless noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com