Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC222 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC222
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC222 Datasheet(HTML) 4 Page - Linear Technology

  LTC222 Datasheet HTML 1Page - Linear Technology LTC222 Datasheet HTML 2Page - Linear Technology LTC222 Datasheet HTML 3Page - Linear Technology LTC222 Datasheet HTML 4Page - Linear Technology LTC222 Datasheet HTML 5Page - Linear Technology LTC222 Datasheet HTML 6Page - Linear Technology LTC222 Datasheet HTML 7Page - Linear Technology LTC222 Datasheet HTML 8Page - Linear Technology LTC222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC221/LTC222
4
2212fa
LTC221/222 • TPC05
VIN (V)
0
150
200
250
4
100
50
0
1
2
3
5
ALL INX TIED TOGETHER
WR TIED TO GROUND
ALL LOGIC INPUTS
TIED TOGETHER
V + = 5V
V – = 0V
TA = 25°C
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Signals on S, D, or IN exceeding V+ or V– will be clamped by
internal diodes. Limit forward diode current to maximum current rating.
RON vs VS Over Supply Voltage
AC ELECTRICAL CHARACTERISTICS
Note 3: In-circuit ESD on the switch pins (S or D) exceeds 4kV (see test
circuit).
Note 4: Leakage current with a 5V supply is guaranteed by correlation with
the ±15V leakage current.
TYPICAL PERFOR A CE CHARACTERISTICS
RON vs VS Over Temperature
RON vs VS Over Temperature
Positive Supply Current vs
Logic Input Voltage
Positive Supply Current vs
Logic Input Voltage
LTC221/222 • TPC01
VS (V)
–16
150
12
100
50
200
250
0
–8
0
–12
–20
16
–4
4
8
20
TA = 25°C
ID = 1mA
±5V
±10V
±20V
VSUPPLY = 5V, OV
±15V
LTC221/222 • TPC04
VIN (V)
0
150
200
250
12
100
50
0
3
6
9
15
V + = 15V
V – = –15V
TA = 25°C
ALL INX TIED TOGETHER
WR TIED TO GROUND
ALL LOGIC INPUTS
TIED TOGETHER
LTC221/222 • TPC02
VS (V)
–12
60
9
40
20
80
100
0
–6
0
–9
–15
12
–3
3
6
15
V + = 15V
V – = –15V
ID = 1mA
–55°C
125°C
25°C
LTC221/222 • TPC03
VS (V)
300
4
200
100
400
500
0
1
0
2
3
5
V + = 5V
V – = 0V
ID = 1mA
–55°C
125°C
25°C
V+ = 5V, V– = GND = 0V, unless otherwise noted.
LTC221M/LTC222M
LTC221C/LTC222C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
tON
VS = 2V, RL = 1kΩ, CL = 35pF
450
600
450
600
ns
tOFF
190
300
190
300
ns
tOPEN
100
250
100
250
ns
Off Isolation
VS = 2VP-P, RL = 1kΩ
75
75
dB
Crosstalk
f = 100kHz
90
90
dB
Charge Injection OINJ
RGEN = 0Ω, CL = 1000pF, VGEN = 2.5V
2
2
pC
Total Harmonic Distortion THD
VS = 2VP-P, RL = 10kΩ
0.01
0.01
%
tON, WR
VS = 2V, RL = 1kΩ, CL = 35pF
430
600
430
600
ns
tOFF, WR
160
300
160
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com