Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3472 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3472
Description  Boost and Inverting DC/DC Converter for CCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3472 Datasheet(HTML) 1 Page - Linear Technology

  LT3472 Datasheet HTML 1Page - Linear Technology LT3472 Datasheet HTML 2Page - Linear Technology LT3472 Datasheet HTML 3Page - Linear Technology LT3472 Datasheet HTML 4Page - Linear Technology LT3472 Datasheet HTML 5Page - Linear Technology LT3472 Datasheet HTML 6Page - Linear Technology LT3472 Datasheet HTML 7Page - Linear Technology LT3472 Datasheet HTML 8Page - Linear Technology LT3472 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT3472
1
3472f
TYPICAL APPLICATIO
APPLICATIO S
FEATURES
DESCRIPTIO
■ CCD Bias
■ TFT LCD Bias
■ OLED Bias
■ ± Rail Generation for Op Amps
■ Generates 15V at 20mA, –8V at 50mA
from a Li-Ion Cell
■ Internal Schottky Diodes
■ VIN Range: 2.2V to 16V
■
Output Voltages Up to ±34V
■ Capacitor-Programmable Soft-Start
■ Sequencing: Positive Output Reaches 88% of Final
Value Before Negative Output Begins
■ Requires Only One Resistor to Set Output Voltage
■ Constant Switching Frequency Ensures Low
Noise Outputs
■ Available in a 10-Lead (3mm × 3mm) DFN Package
Boost and Inverting
DC/DC Converter
for CCD Bias
The LT
®3472 dual channel switching regulator generates
positive and negative outputs for biasing CCD imagers.
The device delivers up to –8V at 50mA and 15V at 20mA
from a lithium-ion cell, providing bias for many popular
CCD imagers. Switching at 1.1MHz, the LT3472 uses tiny,
low profile capacitors and inductors and generates low
noise outputs that are easy to filter. Schottky diodes are
internal and the output voltages are set with one resistor
per channel, reducing external component count. The
entire solution is less than 1mm profile and occupies just
50mm2.
Internal sequencing circuitry disables the negative chan-
nel until the positive channel has reached 88% of its final
value, ensuring that the sum of the two outputs is always
positive. Separate soft-start capacitors for each output
allow the ramp of each output to be independently
controlled.
The LT3472 is available in a low profile (0.75mm) 10-pin
3mm × 3mm DFN package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
SWP
VIN
SWN
SSP
GND
SSN
VPOS
FBP
SHDN
FBN
DN
LT3472
2.2µF
2.2µF
2.2µF
100nF
47µH
100nF
550k
320k
1µF
22µH47µH
SHDN
VIN
3V TO 4.2V
VPOS
15V
20mA
VNEG
–8V
50mA
3472 TA01a
4.7pF
10pF
Conversion Efficiency
LOAD CURRENT (mA)
0
20
40
50
85
80
75
70
65
60
55
50
45
40
3472 TA01b
10
30
POS CHANNEL
NEG CHANNEL
Li-Ion CCD Bias Supply


Similar Part No. - LT3472

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
Boost and Inverting DC/DC Converter for CCD Bias
LT3472EDD LINER-LT3472EDD Datasheet
227Kb / 12P
Boost and Inverting DC/DC Converter for CCD Bias
More results

Similar Description - LT3472

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
Boost and Inverting DC/DC Converter for CCD Bias
LT3487 LINER-LT3487 Datasheet
289Kb / 16P
Boost and Inverting Switching Regulator for CCD Bias
LT3579 LINER-LT3579 Datasheet
519Kb / 40P
6A Boost/Inverting DC/DC Converter with Fault Protection
LT3581 LINER-LT3581 Datasheet
504Kb / 36P
3.3A Boost/Inverting DC/DC Converter with Fault Protection
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Linear Technology
LT3487 LINER-LT3487_15 Datasheet
295Kb / 16P
Boost and Inverting Switching Regulator for CCD Bias
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
6A Boost/Inverting DC/DC Converter with Fault Protection
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
Dual 3A Boost/Inverting/SEPIC DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com