Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3472 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3472
Description  Boost and Inverting DC/DC Converter for CCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3472 Datasheet(HTML) 3 Page - Linear Technology

  LT3472 Datasheet HTML 1Page - Linear Technology LT3472 Datasheet HTML 2Page - Linear Technology LT3472 Datasheet HTML 3Page - Linear Technology LT3472 Datasheet HTML 4Page - Linear Technology LT3472 Datasheet HTML 5Page - Linear Technology LT3472 Datasheet HTML 6Page - Linear Technology LT3472 Datasheet HTML 7Page - Linear Technology LT3472 Datasheet HTML 8Page - Linear Technology LT3472 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT3472
3
3472f
26.0
25.5
25.0
24.5
24.0
SHDN VOLTAGE (V)
0
300
250
200
150
100
50
0
510
15
20
3472 G07
TEMPERATURE (°C)
–50
3.1
3.0
2.9
2.8
2.7
2.6
2.5
0
50
100
–50
0
50
100
–50
0
50
100
3472 G01
TEMPERATURE (°C)
1.13
1.12
1.11
1.10
1.09
1.08
1.07
1.06
1.05
3472 G02
TEMPERATURE (°C)
3472 G03
1.30
1.28
1.26
1.24
1.22
1.20
TEMPERATURE (°C)
–50
0
50
100
–50
0
50
100
–50
0
50
100
3472 G04
TEMPERATURE (°C)
3472 G05
TEMPERATURE (°C)
3472 G06
10
5
0
–5
–10
26.0
25.5
25.0
24.5
24.0
SWITCH CURRENT (mA)
0
350
300
250
200
150
100
50
0
50
100
150
200
3472 G08
300
250
90°C
25°C
–45°C
TYPICAL PERFOR A CE CHARACTERISTICS
Quiescent Current
Minimum FBP Voltage to Enable
Inverter
FBN Voltage
FBP Bias Current
FBN Bias Current
SHDN Pin Bias Current
Positive Channel Switch VCESAT
FBP Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com