Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1685 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1685
Description  52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1685 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1685 Datasheet HTML 4Page - Linear Technology LTC1685 Datasheet HTML 5Page - Linear Technology LTC1685 Datasheet HTML 6Page - Linear Technology LTC1685 Datasheet HTML 7Page - Linear Technology LTC1685 Datasheet HTML 8Page - Linear Technology LTC1685 Datasheet HTML 9Page - Linear Technology LTC1685 Datasheet HTML 10Page - Linear Technology LTC1685 Datasheet HTML 11Page - Linear Technology LTC1685 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1685
Output Short-Circuit Protection
The LTC1685 employs voltage sensing short-circuit pro-
tection at the output terminals of both the driver and
receiver. For a given input polarity, this circuitry deter-
mines what the correct output level should be. If the output
level is different from the expected, it shuts off the big
output devices. For example, if the driver input is >2V, it
expects the “A” output to be >3.25V and the “B” output to
be <1.75V. If the “A” output is subsequently shorted to a
voltage below VDD/2, this circuitry shuts off the big output
devices and turns on a smaller device in its place (the
converse applies for the “B” output). The outputs then
appear as
±10mAcurrentsources.Notethatundernormal
operation, the output drivers can sink/source >50mA. A
time-out period of about 50ns is used in order to maintain
normal high frequency operation, even under heavy ca-
pacitive loads.
If the cable is shorted at a large distance from the device
outputs, it is possible for the short to go unnoticed at the
driver outputs due to parasitic cable resistance. Addition-
ally, when the cable is shorted, it no longer appears as an
ideal transmission line, and the parasitic Ls and Cs might
give rise to ringing and even oscillation. All these conditions
disappear once the device comes out of short-circuit mode.
For cables with the typical RS485 termination (no DC bias
on the cable, such as Figure 10), the LTC1685 will auto-
matically come out of short-circuit mode once the physical
short has been removed. With cable terminations with a
DC bias (such as Fast-20 and Fast-40 differential SCSI
APPLICATIONS INFORMATION
terminators, see Figure 15), the LTC1685 will
not come
out of short-circuit mode automatically upon release of the
physical short. In order to resume normal operation, the
DE pin has to be pulsed low for at least 200ns.
High Speed Twisted Pair Transmission
Data rates up to 52Mbps can be transmitted over 100ft of
category 5 twisted pair. Figure 10 shows the LTC1685
receiving differential data from another LTC1685 trans-
ceiver. Figure 11a shows a 26MHz (52Mbps) square wave
propagated over 100ft of category 5 UTP. Figure 11b
shows a more stringent case of propagating a single 20ns
pulse over 100ft of category 5 UTP. Figure 12 shows a
4Mbps square wave over 1000ft of category 5 unshielded
twisted pair.
1685 F11
DRIVER
INPUT
RECEIVER
OUTPUT
10ns/DIV
2V/DIV
2V/DIV
Figure 11a. 100ft of Category 5 UTP: 50Mbps
1685 F11b
RECEIVER
INPUT
DRIVER
INPUT
RECEIVER
OUTPUT
20ns/DIV
2V/DIV
5V/DIV
2V/DIV
CABLE DELAY
Figure 11b. 100ft of Category 5 UTP: 20ns Pulse
Figure 10
100
Ω
A 1
4
EN
RO
1685 F10b
1/4 LTC1518
LTC1685
LTC1685
12
3
2 B
7
6
3
2
DE
DI
RO
RE
4
1
100
Ω
7
6
3
2
DE
DI
RO
RE
4
1
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com