Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1685 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1685
Description  52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1685 Datasheet(HTML) 3 Page - Linear Technology

  LTC1685 Datasheet HTML 1Page - Linear Technology LTC1685 Datasheet HTML 2Page - Linear Technology LTC1685 Datasheet HTML 3Page - Linear Technology LTC1685 Datasheet HTML 4Page - Linear Technology LTC1685 Datasheet HTML 5Page - Linear Technology LTC1685 Datasheet HTML 6Page - Linear Technology LTC1685 Datasheet HTML 7Page - Linear Technology LTC1685 Datasheet HTML 8Page - Linear Technology LTC1685 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1685
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH, tPHL
Driver Input-to-Output
RDIFF = 54Ω, CL1 = CL2 = 100pF, Figures 3, 5,
Propagation Delay
LTC1685C
q
15
18.5
22
ns
LTC1685I
q
13
18.5
25
ns
tSKEW
Driver Output A-to-Output
RDIFF = 54Ω, CL1 = CL2 = 100pF,
500
ps
B Skew
Figures 3, 5
tr, tf
Driver Rise/Fall Time
RDIFF = 54Ω, CL1 = CL2 = 100pF,
3.5
ns
Figures 3, 5
tZH
Driver Enable to Output High
CL = 100pF, S2 Closed, Figures 4, 6
q
25
50
ns
tZL
Driver Enable to Output Low
CL = 100pF, S1 Closed, Figures 4, 6
q
25
50
ns
tLZ
Driver Disable from Low
CL = 15pF, S1 Closed, Figures 4, 6
q
25
50
ns
tHZ
Driver Disable from High
CL = 15pF, S2 Closed, Figures 4, 6
q
25
50
ns
tPLH, tPHL
Receiver Input-to-Output
CL = 15pF, Figures 3, 7
Propagation Delay
LTC1685C
q
15
18.5
22
ns
LTC1685I
q
13
18.5
25
ns
tSQD
Receiver Skew
tPLH – tPHL
CL = 15pF, Figures 3, 7
500
ps
tZL
Receiver Enable to Output Low
CL = 15pF, S1 Closed, Figures 2, 8
q
25
50
ns
tZH
Receiver Enable to Output High
CL = 15pF, S2 Closed, Figures 2, 8
q
25
50
ns
tLZ
Receiver Disable from Low
CL = 15pF, S1 Closed, Figures 2, 8
q
25
50
ns
tHZ
Receiver Disable from High
CL = 15pF, S2 Closed, Figures 2, 8
q
25
50
ns
Maximum Receiver Input
(Note 4)
q
2000
ns
Rise/Fall Times
tPKG-PKG
Package-to-Package Skew
Same Temperature (Note 4)
1.5
ns
Minimum Input Pulse Width
VDD = 5V ± 5% (Note 4)
LTC1685C
q
17
19.2
ns
LTC1685I
q
20
25
ns
Maximum Data Rate
VDD = 5V ± 5% (Note 4)
LTC1685C
q
52
60
Mbps
LTC1685I
q
40
50
Mbps
Maximum Input Frequency
VDD = 5V ± 5% (Note 4)
LTC1685C
q
26
30
MHz
LTC1685I
q
20
25
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOSD2
Driver Short-Circuit Current, VOUT = LOW
VOUT = – 7V or 10V (Note 5)
q
20
mA
IOSR
Receiver Short-Circuit Current
VOUT = 0V or VDD (Note 5)
q
20
mA
RIN
Input Resistance
– 7V
≤ VCM ≤ 12V
q
22
k
Ω
CIN
Input Capacitance
A, B Inputs, D, DE, RE
3
pF
Open-Circuit Input Voltage, Figure 5
VDD = 5V (Note 4)
q
3.2
3.3
3.4
V
Fail-Safe Time Time to Detect Fail-Safe Condition
2
µs
CMRR
Receiver Input Common Mode Rejection Ratio
VCM = 2.6V, f = 26MHz
45
dB
CLOAD
Receiver and Driver Output Load Capacitance
(Note 4)
q
500
pF
DC ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 5V ±5%, unless otherwise noted. (Notes 2, 3)
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 5V, unless otherwise noted. (Notes 2, 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com