Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1621 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1621
Description  Rail-to-Rail Current Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1621 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1621 Datasheet HTML 4Page - Linear Technology LT1621 Datasheet HTML 5Page - Linear Technology LT1621 Datasheet HTML 6Page - Linear Technology LT1621 Datasheet HTML 7Page - Linear Technology LT1621 Datasheet HTML 8Page - Linear Technology LT1621 Datasheet HTML 9Page - Linear Technology LT1621 Datasheet HTML 10Page - Linear Technology LT1621 Datasheet HTML 11Page - Linear Technology LT1621 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1620/LT1621
APPLICATIONS INFORMATION
Figure 5a. Typical Setpoint Voltage (VPROG) Changes Slightly
Depending Upon the Amount of Current Sinked by the IOUT Pin
IN+ – IN– (VID) INPUT (mV)
0
20
10
0
–10
–20
–30
–40
60
100
LT1620/21 • F05b
20
40
80
120
140
VCC = 5V
VCM = 16.8V
IOUT = 130µA
Figure 5b. Typical Setpoint Voltage (VPROG) Changes Slightly
Depending Upon the Programmed Differential Input Voltage (VID)
IOUT SINK CURRENT (µA)
0
150
250
LT1620/21 • F05a
50
100
200
40
30
20
10
0
–10
–20
–30
–40
VCC = 5V
VID = 80mV
VCM = 16.8V
Figure 5e. Typical Setpoint Voltages for VPROG and VPROG2
Change Slightly Depending Upon the Supply Voltage (VCC)
VCC (V)
4.50
0
5
5.50
LT1620/21 • F05e
–5
–10
4.75
5.00
5.25
10
VPROG
VPROG2
VID = 80mV
VCM = 16.8mV
IOUT = 130µA
IN+ – IN– (VID) INPUT (mV)
0
40
20
0
–20
–40
–60
–80
60
100
LT1620/21 • F05c
20
40
80
120
140
VCC = 5V
VCM = 16.8V
IOUT = 130µA
Figure 5c. Typical Comparator Threshold Voltage (VPROG2)
Changes Slightly Depending Upon the Programmed Differential
Input Voltage (VID)
Figure 5d. Sense Amplifier Input Offset Tolerence Degrades for
Input Common Mode Voltage (VCM) Below (VCC – 0.5V). This
Affects the SENSE, AVG and AVG2 Amplifier Outputs
IN+, IN– COMMON MODE VOLTAGE (VCM) (V)
0
±8
±10
±12
35
LT1620/21 • F05d
±6
±4
12
436
±2
0
±14
VCC = 5V
VID = 80mV
IOUT = 130µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com