Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1621 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1621
Description  Rail-to-Rail Current Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1621 Datasheet(HTML) 3 Page - Linear Technology

  LT1621 Datasheet HTML 1Page - Linear Technology LT1621 Datasheet HTML 2Page - Linear Technology LT1621 Datasheet HTML 3Page - Linear Technology LT1621 Datasheet HTML 4Page - Linear Technology LT1621 Datasheet HTML 5Page - Linear Technology LT1621 Datasheet HTML 6Page - Linear Technology LT1621 Datasheet HTML 7Page - Linear Technology LT1621 Datasheet HTML 8Page - Linear Technology LT1621 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1620/LT1621
ELECTRICAL C
C
HARA TERISTICS
IN+ = 16.8V, VCC = 5V, VIOUT = 2V, TA = 25°C unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: Input bias currents are disabled when VCC is removed, even
with common mode voltage present at IN+, IN–.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Sense Amplifier
VOSAVG
Input Offset - Measured at
×10 Output
VCC ≤ VCM ≤ 32V
– 3
3
mV
(VAVG)
35mV
≤ VID ≤ 125mV
q
–4
4
mV
VCM = 0V, VID = 80mV
q
–10
15
mV
VOSAVG2
Input Offset - Measured at
×20 Output VCC ≤ VCM ≤ 32V
– 3
3
mV
(VAVG2)
0V
≤ VID ≤ 35mV
q
–4
4
mV
VSENSE
No-Load Output Offset
0V
≤ VCM ≤ 32V, VID = 0V, Referenced to VCC
q
– 0.1
– 3
mV
IB(IN+, IN–) Input Bias Current (Sink)
VCC ≤ VCM ≤ 32V (Note 2)
200
270
400
µA
q
185
430
µA
Input Bias Current (Source)
VCM = 0V (Note 2)
4.0
5.25
mA
q
5.50
mA
Transconductance Amplifier
gm
Amplifier Transconductance
3000
3500
4000
µmho
q
2200
4800
µmho
AV
Amplifier Voltage Gain
1V
≤ VIOUT ≤ 3V
60
80
dB
VOLIOUT
IOUT Saturation Limit (Sink)
IIOUT = 50µA
q
0.05
0.15
V
IIOUT = 200µA
q
0.10
0.30
V
IIOUT = 1mA
q
0.35
0.65
V
VPROG
PROG Input Range
q
VCC – 1.25
VCC
V
IBPROG
Input Bias Current
Measured at PROG Pin
20
nA
VOSPROG
Input Offset Voltage
IIOUT = 130µA– 7
7
mV
(VAVG – VPROG)
q
–8
8
mV
End-of-Cycle Comparator
VPROG2
PROG2 Input Range
q
VCC – 2.5
VCC – 0.15
V
VHYST
Input Hysteresis
Measured at AVG2 Pin
15
mV
IBPROG2
Input Bias Current
Measured at PROG2 Pin
20
nA
VOLMODE Output Logic Low Output (Sink)
IMODE = 0.5mA
q
0.1
0.5
V
IMODE = 10mA
q
0.5
1.2
V
PI FU CTIO S
ensure continuity around zero inductor current. Typical out-
put is –3mV with differential input voltage (IN+ – IN–) = 0.
AVG: Sense Amplifier AV = –10 Output and
Transconductance Amplifier Positive Input. Used as inte-
gration node for average current control. Integration time
constant is calculated using 2.5k
Ω typical output imped-
ance.
PROG: Transconductance Amplifier Negative Input. Pro-
gram node for average current delivered to load during
current mode operation. Average current delivered to load
imposes voltage differential at current sense amplifier
VCC: 5V ±10% Power Supply Input.
IN+: Sense Amplifier Positive Input. Typically connected
to inductor side of current sense resistor. Common mode
voltage range is 0V to 32V.
IN–: Sense Amplifier Negative Input. Typically connected
to load side of current sense resistor. Common mode
voltage range is 0V to 32V.
SENSE: Sense Amplifier AV = –1 Output. Used as level-
shifted output for PWM controller current sense input. The
sense output is designed to have an inherent offset to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com