Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4319 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4319
Description  Power over Ethernet - PD converter with 12 V 1 A output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4319 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4319 Datasheet HTML 4Page - STMicroelectronics AN4319 Datasheet HTML 5Page - STMicroelectronics AN4319 Datasheet HTML 6Page - STMicroelectronics AN4319 Datasheet HTML 7Page - STMicroelectronics AN4319 Datasheet HTML 8Page - STMicroelectronics AN4319 Datasheet HTML 9Page - STMicroelectronics AN4319 Datasheet HTML 10Page - STMicroelectronics AN4319 Datasheet HTML 11Page - STMicroelectronics AN4319 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical diagram and bill of material for 12 V at 1 A
AN4319
8/28
DocID024885 Rev 1
97
TP7
Test point
Black
TH-5013
Keystone
98
TP8
Test point
Red
TH-5013
Keystone
99
TP9
Test point
Black
TH-5013
Keystone
100
TP10
Test point
Red
TH-5013
Keystone
101
TP11
Test point
Red
TH-5013
Keystone
102
TP12
Test point
Black
TH-5013
Keystone
103
TP13
Test point
Red
TH-5013
Keystone
104
TP14
Test point
Red
TH-5013
Keystone
105
TP16
Test point
Red
TH-5013
Keystone
106
TP17
Test point
Red
TH-5013
Keystone
107
TP19
Test point
Black
TH-5013
Keystone
108
U1
Controller IC
PM8800A
HTSSOP16
STMicroelectronics
109
U2
Optocoupler
FOD817A
FOD817
Fairchild
110
U4
Voltage reference
TS2431AILT
SOT23
STMicroelectronics
Table 3. Bill of material 12 V at 1 A (continued)
Item
Reference
Description
Value
PCB
footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com