Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4319 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4319
Description  Power over Ethernet - PD converter with 12 V 1 A output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4319 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4319 Datasheet HTML 16Page - STMicroelectronics AN4319 Datasheet HTML 17Page - STMicroelectronics AN4319 Datasheet HTML 18Page - STMicroelectronics AN4319 Datasheet HTML 19Page - STMicroelectronics AN4319 Datasheet HTML 20Page - STMicroelectronics AN4319 Datasheet HTML 21Page - STMicroelectronics AN4319 Datasheet HTML 22Page - STMicroelectronics AN4319 Datasheet HTML 23Page - STMicroelectronics AN4319 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Support material
AN4319
20/28
DocID024885 Rev 1
Table 5. Bill of material (general)
Item Reference
Description
Value
PCB footprint
Supplier
Voltage
1
C1
Ceramic capacitor
1 nF
C0805
Several
100 V
2
C2
Ceramic capacitor
0.1
F
C0805
Several
100 V
3
C3
Ceramic capacitor
NM
C0805
Several
100 V
4
C4
Ceramic capacitor
NM
C0805
Several
100 V
5
C5
Ceramic capacitor
10 nF
C0603
Several
100 V
6
C6
Ceramic capacitor
100 pF - NM
C0603
Several
50 V
7
C7
Ceramic capacitor
1 nF
C0603
Several
100 V
8
C8
Ceramic capacitor
NM
C0603
Several
100 V
9
C9
Ceramic capacitor
NM
C0603
Several
100 V
10
C10
Ceramic capacitor
1 nF
C0805
Several
100 V
11
C11
Ceramic capacitor
0.1
F
C0805
Several
100 V
12
C12
Electrol. capacitor
22
FC-POL8-10
Panasonic
EEEFK2A220P
100 V
13
C13
Ceramic capacitor
1 nF
C0805
Several
100 V
14
C14
Ceramic capacitor
0.1
F
C0603
Several
50 V
15
C15
Ceramic capacitor
0.1
F
C0805
Several
100 V
16
C16
Ceramic capacitor
10 nF
C0603
Several
100 V
17
C17
Ceramic capacitor
1
F
C1206
Several
100 V
18
C18
Ceramic capacitor
1 nF
C0603
Several
100 V
19
C19
Ceramic capacitor
1 nF
C0603
Several
100 V
20
C20
Ceramic capacitor
1
F
C1206
Several
100 V
21
C21
Ceramic capacitor
470 pF
C0603
Several
50 V
22
C22
Ceramic capacitor
0.1
F
C0603
Several
50 V
23
C23
Ceramic capacitor
0.1
F
C0603
Several
50 V
24
C24
Ceramic capacitor
1 nF
C0805
Several
200 V
25
C26
Ceramic capacitor
1 nF
C0805
Several
200 V
26
C27
Ceramic capacitor
100 pF - NM
C0805
Several
50 V
27
C28
Ceramic capacitor
1
F
C0603
TDK C1608X5R1E105K
16 V
28
C29
Ceramic capacitor
1 nF
C0805
Several
200 V
29
C30
Ceramic capacitor
2.2 nF
C1812
TDK 4532X7RD222K
2 KV
30
C31
Ceramic capacitor
1 nF
C0805
Several
200 V
31
C32
Ceramic capacitor
NM
C0603
Several
50 V
32
C33
Ceramic capacitor
0.1
F
C0603
Several
50 V
33
C34
Ceramic capacitor
560 pF - NM
C0805
Several
50 V
34
C35
Ceramic capacitor
2.2 nF
C1812
TDK 4532X7RD222K
2 KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com