Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4339 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 7Page - STMicroelectronics AN4339 Datasheet HTML 8Page - STMicroelectronics AN4339 Datasheet HTML 9Page - STMicroelectronics AN4339 Datasheet HTML 10Page - STMicroelectronics AN4339 Datasheet HTML 11Page - STMicroelectronics AN4339 Datasheet HTML 12Page - STMicroelectronics AN4339 Datasheet HTML 13Page - STMicroelectronics AN4339 Datasheet HTML 14Page - STMicroelectronics AN4339 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID025039 Rev 1
11/27
AN4339
Description
27
1.3.5
Multiplier setting
Equation 12
Select
Vmultpkmax = 2.65 V
Vmultpkmin = 0.88 V
Resistor divider ratio:
Equation 13
Kp = 7.17 E - 03
Let
RmultL= 47 K
Equation 14
So
RmultH = RmultL/Kp
RmultH = 6555 K
Select
RmultH = 6600 K
Actual divider ratio:
Equation 15
Kp = 7.12 E - 03
Rsense calculation:
Equation 16
Vcxpk = 1.33
Vmultpkmin
(As per the L6564 datasheet, MULT setting).
Equation 17
Vcxpk = 1.17 V
Considering the saturation current of primary = 20% higher of maximum peak current at 90
VAC.
Equation 18
Ipkp_s = 1.7 A
Rcs = 0.68 E
Vmultpkmin
Vmultpkmiax
Vpkmin
Vpkmax
-----------------------
=
Kp
Vmultpkmax
Vpkmax
------------------------------------
=
R
Vcxpk
Ipkp s
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com