Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4339 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 12Page - STMicroelectronics AN4339 Datasheet HTML 13Page - STMicroelectronics AN4339 Datasheet HTML 14Page - STMicroelectronics AN4339 Datasheet HTML 15Page - STMicroelectronics AN4339 Datasheet HTML 16Page - STMicroelectronics AN4339 Datasheet HTML 17Page - STMicroelectronics AN4339 Datasheet HTML 18Page - STMicroelectronics AN4339 Datasheet HTML 19Page - STMicroelectronics AN4339 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Description
AN4339
16/27
DocID025039 Rev 1
1.3.8
Transformer specification
Table 2. Transformer specification
1.3.9
Winding details
Max. output power
Max. 28 W (typ. operating power is 24 W)
Input voltage range
90 - 280 VAC
Primary inductance
1.0 ± 0.1 mH at 50 KHz
Primary side leakage inductance
< 3
H at 50 KHz
Peak primary current
1.42 A
Saturation current
1.8 A
RMS primary current
0.46 A
Peak secondary current
8.8 A
RMS secondary current
2.2 A
Minimum switching frequency
40 KHz
Core size
E25/13/7
Ferrite material
N87, EPCOS
Bobbin
12 pins horizontal
Dielectric strength
> 2.7 KV
Table 3. Winding details
Winding name
Start
Stop
No. of turns
Wire gauge
Order of windings
Np1
3
2
45
3 x 0.25 mm
Bottom
Naux
5
6
8
1 x 0.15 mm
Above Np1
Nsec
12, 11
10, 9
13
6 x 0.25 mm
Above Naux
Np2
2
1
45
3 x 0.25 mm
Topmost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com