Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4351 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4351
Description  STMicroelectronics has developed micro battery products
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4351 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4351 Datasheet HTML 2Page - STMicroelectronics AN4351 Datasheet HTML 3Page - STMicroelectronics AN4351 Datasheet HTML 4Page - STMicroelectronics AN4351 Datasheet HTML 5Page - STMicroelectronics AN4351 Datasheet HTML 6Page - STMicroelectronics AN4351 Datasheet HTML 7Page - STMicroelectronics AN4351 Datasheet HTML 8Page - STMicroelectronics AN4351 Datasheet HTML 9Page - STMicroelectronics AN4351 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Glue dispensing guidelines and recommended practice
AN4351
6/10
DocID025184 Rev 1
After the syringe has reached ambient room temperature, it is ready for use:
•
Remove the back end cap from the syringe.
For setting up the dispensing quantity of a dispenser, it is recommended to use a scale (0.1
mg) function rather than using the time function of the time-pressure dispenser.
Due to the very small deposited quantity, it is necessary first to weigh a minimum of 30 dots
to calculate the weight average. This value must be kept in reference.
Various silver filled conductive adhesive have been evaluated, please find here below the
main dispensing parameters used (refer to Table 1).
2.3
Preparation of dispensing equipment
2.3.1
Input parameters
•
Pressure
•
Dispense time in milliseconds: ms.
•
Internal diameter of needle
2.3.2
Relation between time pressure and deposit quantity
A high pressure with a short time increases flow (debit), whereas low pressure during a long
time increases precision.
The adjustment of the pressure should always be done in an increasing step. If a lower
pressure is needed, it must be reduced well below the desired pressure and then increased
to the desired level.
2.3.3
Needle choice
It is recommended using 6.3 mm needle length instead of a 12.7 mm needle length. It is not
recommended using conic needles due to the low viscosity of glue materials.
2.3.4
For semi-automatic mode
Manual operation with time pressure dispenser:
•
The needle must be inclined at an angle between 45° to 80°.
•
The needle must be in contact with the surface during dispensing.
•
Do not move the needle while releasing the glue.
•
Lift up the needle perpendicularly after dispensing the glue.
Table 1. Input parameters
Gauge
Inside
diameter
Color
code
Length
Dispense
time (ms)
Pressure
(Bars)
Total
weight 30
deposits
Weight
average
Silver filled
conductive
adhesive
Inch
mm
25
0.010
0.25
Red
6.35
150 to 300
2
4.1 mg
0.14 mg
QMI 516 IE Henkel
600 to 800
1
2.2 mg
0.07 mg
PU 1000 Polytec
160
2
4.1 mg
0.14 mg
ACE 40810 Protavic



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com