Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4351 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4351
Description  STMicroelectronics has developed micro battery products
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4351 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4351 Datasheet HTML 2Page - STMicroelectronics AN4351 Datasheet HTML 3Page - STMicroelectronics AN4351 Datasheet HTML 4Page - STMicroelectronics AN4351 Datasheet HTML 5Page - STMicroelectronics AN4351 Datasheet HTML 6Page - STMicroelectronics AN4351 Datasheet HTML 7Page - STMicroelectronics AN4351 Datasheet HTML 8Page - STMicroelectronics AN4351 Datasheet HTML 9Page - STMicroelectronics AN4351 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Glue dispensing guidelines and recommended practice
AN4351
8/10
DocID025184 Rev 1
Figure 5. EnFilm deposit
2.3.5
For automatic mode
If needle is positioned vertically, a stand-off value between 0.05 to 0.2 mm with a typical
value of 0.15 mm is recommended.
Figure 6. Automatic dispense valve
Figure 7. Footprint
Table 2. Recommended material (adhesive) for low temperature interconnection and
thermal profiles
Supplier
Reference
Temperature
Time
Henkel
QMI 516 IE
60 °C
90 mn
Polytec
PU 1000
25 °C
60 mn
Protavic
ACE 40810
60 °C
900 mn
Stand-off: 0.15 mm
25.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com