Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4355 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 17Page - STMicroelectronics AN4355 Datasheet HTML 18Page - STMicroelectronics AN4355 Datasheet HTML 19Page - STMicroelectronics AN4355 Datasheet HTML 20Page - STMicroelectronics AN4355 Datasheet HTML 21Page - STMicroelectronics AN4355 Datasheet HTML 22Page - STMicroelectronics AN4355 Datasheet HTML 23Page - STMicroelectronics AN4355 Datasheet HTML 24Page - STMicroelectronics AN4355 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DocID025240 Rev 2
21/25
AN4355
Stall detection (L6480 only)
25
6
Stall detection (L6480 only)
The L6480 device also includes a sensorless stall detection system. This feature allows the
device to detect the stall condition of the motor measuring the increase of the phase current
caused by the sudden cancellation of the back electromotive force.
The voltage mode control applies a sinusoidal voltage to the motor phases obtaining
a sinusoidal current. The amplitude of the voltage sine wave is increased with speed in
order to compensate the back electromotive force effect and keep the amplitude of the
phase current constant. If the motor stalls (i.e.: stops its rotation) the back electromotive
force becomes null, but the voltage applied to the phase is still increased to face its effect. In
this condition the phase current results higher than the nominal one and the stall condition
can be easily detected. The load current is measured monitoring the drain-source voltage
drop of the low-side external power MOSFETs.
The stall detection threshold must be set above the nominal peak current.
Figure 15. Stall detection threshold
The relation between the voltage threshold which is programmed into the device register
and the actual load current is defined by the following formula:
Equation 2
ISTALLth = VSTALLth × Rds(ON)
Where Rds(ON) is the ON resistance of the external MOSFET. Considering that the on
resistance value varies with temperature and gate voltage, the VCC value and the operative
temperature of the power stage must be considered when the threshold value is defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com