Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4373 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4373
Description  Galvanically-isolated 8 channel high-side driver based on the ISO8200B
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4373 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4373 Datasheet HTML 2Page - STMicroelectronics AN4373 Datasheet HTML 3Page - STMicroelectronics AN4373 Datasheet HTML 4Page - STMicroelectronics AN4373 Datasheet HTML 5Page - STMicroelectronics AN4373 Datasheet HTML 6Page - STMicroelectronics AN4373 Datasheet HTML 7Page - STMicroelectronics AN4373 Datasheet HTML 8Page - STMicroelectronics AN4373 Datasheet HTML 9Page - STMicroelectronics AN4373 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Board description
AN4373
6/14
DocID025365 Rev 1
C13,C15,C17,C18,
C19,C20,C21,C22,
C23,C24,C25
100 pF/10 V
Ceramic capacitor
C26
47 uF/10 V
Ceramic capacitor
GRM32ER71A476KE15
D1
STPS1H100A
Schottky diode SMD
D13
STPS1L60A
Schottky diode SMD
D2
Red
LED
D3
Green
LED
D4
Yellow
LED
D5, D6, D7, D8, D9,
D10, D11, D12
Green
LED
J1,J2
CON2
Screw connector 2
pole
J3
OUT_EN
Drop jumper three
way
J4
CON8
Screw connector
8pole
JP1
VDD
Drop jumper 4 way
R1,R2,R3
680R
SMD resistor
R4,R5,R6,R7,R8,
R9,R10,R12, R14,
R15, R16
270R
SMD resistor
R11
10 k
SMD resistor 1%
R19,R20,R21,R22
R23,R24, R25, R26,
R27
10 k
SMD resistor
R17
NC
Not connected
R13
15 k
SMD resistor 1%
R18
10 k
SMD resistor 1%
R28, R29, R30, R31,
R32, R33, R34, R35
6 k8
SMD resistor
TP1,TP3,TP4
T POINT A
Test point
TP2
T POINT R
Test point
TRS1
SM15T33CA
Transil SMD
U1
ISO8200B
Device PSO36
Table 4. STEVAL-IFP015V2 component list (continued)
Reference
Description
Component
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com