Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4373 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4373
Description  Galvanically-isolated 8 channel high-side driver based on the ISO8200B
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4373 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4373 Datasheet HTML 1Page - STMicroelectronics AN4373 Datasheet HTML 2Page - STMicroelectronics AN4373 Datasheet HTML 3Page - STMicroelectronics AN4373 Datasheet HTML 4Page - STMicroelectronics AN4373 Datasheet HTML 5Page - STMicroelectronics AN4373 Datasheet HTML 6Page - STMicroelectronics AN4373 Datasheet HTML 7Page - STMicroelectronics AN4373 Datasheet HTML 8Page - STMicroelectronics AN4373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2013
DocID025365 Rev 1
1/14
AN4373
Application note
Galvanically-isolated 8 channel high-side driver
based on the ISO8200B
By Massimo Oteri
Introduction
The STEVAL-IFP015V2 product evaluation board works in combination with the STEVAL-
PCC009V2 interface board to allow evaluation of all the features of the ISO8200B device. A
large GND area on the printed circuit board has been designed to minimize noise effects
and ensure good thermal performance.
The ISO8200B is a galvanic isolated 8 channel driver featuring a very low supply current. It
contains 2 independent galvanic isolated voltage domains (VCC for the power stage and
VDD for the digital stage). The IC is intended to drive any type of load with one side
connected to ground. Active channel current limitation combined with thermal shutdown,
independent for each channel, and automatic restart protect the device against overload.
Additional embedded functions are: loss of GND protection which automatically turns off the
outputs in case of analog ground, undervoltage shutdown with hysteresis, and reset function
for immediate power output shutdown.
Built-in thermal shutdown protects the chip against overtemperature and short-circuit. In
overload condition, the channel turns off, then back on automatically after the IC
temperature has decreased below a reset threshold. If this condition causes the case
temperature to reach the TCR limit, the overloaded channel is turned off and will restart only
when case and junction temperature have decreased down to the reset threshold. Non
overloaded channels continue to operate normally.
An internal circuit provides an OR-wired non latched common FAULT indicator signaling
channel OVT. The FAULT pin is an open-drain active-low fault indication pin.
www.st.com


Similar Part No. - AN4373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN437 STMICROELECTRONICS-AN437 Datasheet
593Kb / 18P
RC snubber circuit design for TRIACs
22-Oct-2007
AN4370 STMICROELECTRONICS-AN4370 Datasheet
701Kb / 23P
L99ASC03 PMBLDC sensorless 3-phase motor driver
19-Mar-2014
AN4371 STMICROELECTRONICS-AN4371 Datasheet
368Kb / 29P
In automotive more and more often comes in foreground
02-Oct-2013
AN4374 STMICROELECTRONICS-AN4374 Datasheet
1Mb / 25P
The LED1642GW and ALED1642GW start-up guide
14-Nov-2014
AN4376 STMICROELECTRONICS-AN4376 Datasheet
3Mb / 37P
10 W wide range non-isolated high power factor LED driver using HVLED815PF
09-Jan-2014
More results

Similar Description - AN4373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP002V1 STMICROELECTRONICS-STEVAL-IFP002V1 Datasheet
258Kb / 4P
High Side Driver - 8 Channel based on VN808
31-Jan-2006
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
Automotive galvanically isolated advanced single gate driver
02-Sep-2016
STEVAL-IFP022V1 STMICROELECTRONICS-STEVAL-IFP022V1 Datasheet
266Kb / 5P
Eight-channel high-side driver based on the VNI8200XP
19-Jul-2013
STEVAL-IFP028V1 STMICROELECTRONICS-STEVAL-IFP028V1 Datasheet
245Kb / 4P
Single high side driver based on IPS160H
08-Mar-2016
STEVAL-IFP032V1 STMICROELECTRONICS-STEVAL-IFP032V1 Datasheet
340Kb / 5P
Eight-channel high-side driver based on the VNI8200XP-32
02-Feb-2016
STEVAL-IFP034V1 STMICROELECTRONICS-STEVAL-IFP034V1 Datasheet
255Kb / 4P
Single high side driver based on IPS161H
January 2017 Rev 1
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
gapDRIVE™: galvanically isolated single gate driver
May 2015 Rev 3
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com