Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4376 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 2 Page - STMicroelectronics

  AN4376 Datasheet HTML 1Page - STMicroelectronics AN4376 Datasheet HTML 2Page - STMicroelectronics AN4376 Datasheet HTML 3Page - STMicroelectronics AN4376 Datasheet HTML 4Page - STMicroelectronics AN4376 Datasheet HTML 5Page - STMicroelectronics AN4376 Datasheet HTML 6Page - STMicroelectronics AN4376 Datasheet HTML 7Page - STMicroelectronics AN4376 Datasheet HTML 8Page - STMicroelectronics AN4376 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Contents
AN4376
2/37
DocID025380 Rev 1
Contents
1
Theory of operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2
EVLHVLED815W10A - main characteristics and circuit description . . 8
2.1
LED current definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.2
LED current ripple definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.3
DMG pin and OVP setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.4
External compensation network of the voltage loop . . . . . . . . . . . . . . . . . 10
2.5
Power factor corrector function and ILED pin modulation with the input
mains voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
2.6
High-voltage start-up generator and VCC capacitor . . . . . . . . . . . . . . . . .11
3
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
4
Bill of material . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
5
Component layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6
Measurement results . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
6.1
LED driver performance at nominal load 70 VDC - 140 mA . . . . . . . . . . . 16
6.2
Line regulation at nominal load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
6.3
Power factor at nominal load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
6.4
Total harmonic distortion (THD) at nominal load . . . . . . . . . . . . . . . . . . . 17
6.5
Driver efficiency at nominal load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
6.6
LED driver performance varying the number of LEDs . . . . . . . . . . . . . . . 18
6.7
Line regulation at different LED load number . . . . . . . . . . . . . . . . . . . . . . 19
6.8
Power factor at different LED load number . . . . . . . . . . . . . . . . . . . . . . . 20
6.9
Total harmonic distortion (THD) at different LED load number . . . . . . . . . 21
6.10
LED driver efficiency at different LED load number . . . . . . . . . . . . . . . . . 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com