Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4376 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4376 Datasheet HTML 1Page - STMicroelectronics AN4376 Datasheet HTML 2Page - STMicroelectronics AN4376 Datasheet HTML 3Page - STMicroelectronics AN4376 Datasheet HTML 4Page - STMicroelectronics AN4376 Datasheet HTML 5Page - STMicroelectronics AN4376 Datasheet HTML 6Page - STMicroelectronics AN4376 Datasheet HTML 7Page - STMicroelectronics AN4376 Datasheet HTML 8Page - STMicroelectronics AN4376 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
List of figures
AN4376
4/37
DocID025380 Rev 1
List of figures
Figure 1.
EVLHVLED815W10A demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Flyback (FL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Buck-boost topology (BB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
TM (transition mode) flyback currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
TM (transition mode) buck-boost currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 6.
TM (transition mode) flyback waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 7.
TM (transition mode) buck-boost waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 8.
ILED pin modulation with the input mains voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
EVLHVLED815W10A demonstration board schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
Top side . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 11.
Bottom side. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 12.
LED current vs. AC line voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 13.
Power factor vs. AC line voltage at nominal load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 14.
Total harmonic distortion vs. AC line voltage at nominal load . . . . . . . . . . . . . . . . . . . . . . 17
Figure 15.
Efficiency vs. AC line voltage at nominal load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 16.
Line regulation at different LED load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 17.
Power factor versus AC line voltage at different LED load . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 18.
THD versus AC line voltage at different LED load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 19.
Efficiency versus AC line voltage at different LED load . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 20.
Input and output PFC waveforms at 100 VAC - 50 Hz - PF = 0.9889 . . . . . . . . . . . . . . . . 23
Figure 21.
Input and output PFC waveforms at 230 VAC - 50 Hz - PF = 0.9211 . . . . . . . . . . . . . . . . 23
Figure 22.
Transition mode operation at 100 VAC - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 23.
Transition mode operation at 100 VAC - 50 Hz -zoom of signals . . . . . . . . . . . . . . . . . . . . 24
Figure 24.
Transition mode operation at 230 VAC - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 25.
Transition mode operation at 230 VAC - 50 Hz - zoom of signals . . . . . . . . . . . . . . . . . . . 24
Figure 26.
ILED pin operation at 85 VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 27.
ILED pin operation at 100 VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 28.
ILED pin operation at 130 VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 29.
ILED pin operation at 175 VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 30.
ILED pin operation at 230 VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 31.
ILED pin operation at 265 VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 32.
Startup at 100 VAC - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 33.
Startup at 230 VAC - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 34.
Load disconnection at 100 VAC - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 35.
No load behavior at 100 VAC - 50 Hz. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 36.
Load disconnection at 230 VAC - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 37.
No load behavior at 230 VAC - 50 Hz. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 38.
Short-circuit of the output connector at 100 VAC - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 39.
Short-circuit removal at 100 VAC - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 40.
Short-circuit of the output connector at 230 VAC - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 41.
Short-circuit removal at 230 VAC - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 42.
Top side thermal map with 23 LED load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 43.
Bottom side thermal map with 23 LED load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 44.
Top side thermal map with 25 LED load - 10.5 W output . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 45.
Bottom side thermal map with 25 LED load - 10.5 W output . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 46.
Measurement at 100 VAC, 50 Hz, PIN = 10.95 W, POUT = 9.5 W, PF = 0.9880. . . . . . . . . 34
Figure 47.
Measurement at 230 V, 50 Hz, PIN = 10.88 W, POUT = 9.48 W, PF = 0.9220 . . . . . . . . . . 34
Figure 48.
100 VAC and 23 LED load - phase. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com