Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4478 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4478
Description  Using multiple VL6180Xs in a single design
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4478 Datasheet(HTML) 6 Page - STMicroelectronics

  AN4478 Datasheet HTML 1Page - STMicroelectronics AN4478 Datasheet HTML 2Page - STMicroelectronics AN4478 Datasheet HTML 3Page - STMicroelectronics AN4478 Datasheet HTML 4Page - STMicroelectronics AN4478 Datasheet HTML 5Page - STMicroelectronics AN4478 Datasheet HTML 6Page - STMicroelectronics AN4478 Datasheet HTML 7Page - STMicroelectronics AN4478 Datasheet HTML 8Page - STMicroelectronics AN4478 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Multiple VL6180X operation steps and schematic suggestions
AN4478
6/9
DocID026250 Rev 1
5.
After all of the VL6180X devices are initialized, the microprocessor can talk to each
device individually and can configure them for operation. The configuration will include
setting the convergence time, interrupts, inter-measurement time, Threshholds for the
interrupts, etc.
6.
To configure the Interrupts, the VL6180X device can give interrupts is various ways,
including the following:
a)
Interrupts Disabled
b)
Interrupt when a measurement is completed
c)
Interrupt when a measurement is below a certain threshold of distance (ie.
Distance less than 5cm)
d)
Interrupt when a measurement is above a a certain threshold of distance (ie.
Distance greater than 10cm)
e)
Interrupt when a distance measured is out of a certain window (ie. Distance less
than a Low Threshold or the Distance is greater than a High Threshold)
7.
With the example of using the I2C GPIO Expander for the Interrupts, each VL6180X
could be configured to give an interrupt when a distance is less than 5cm and to run in
continuous measurement mode. If any device is showing a distance of less than 5cm,
then an interrupt will go off for that device, which sets off the interrupt either directly to
the microprocessor or from the U2 GPIO Expander. If the GPIO Expander is being
used, the microprocessor would then poll U2 to see which VL6180X is triggering the
interrupt. Next, the microprocessor would communicate directly to the VL6180X with
the interrupt that is showing a distance less than 5cm. When the microprocessor has
the information needed, it would then clear the interrupts on the VL6180X and the I2C
GPIO expander U2 (if used).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com