Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4478 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4478
Description  Using multiple VL6180Xs in a single design
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4478 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4478 Datasheet HTML 1Page - STMicroelectronics AN4478 Datasheet HTML 2Page - STMicroelectronics AN4478 Datasheet HTML 3Page - STMicroelectronics AN4478 Datasheet HTML 4Page - STMicroelectronics AN4478 Datasheet HTML 5Page - STMicroelectronics AN4478 Datasheet HTML 6Page - STMicroelectronics AN4478 Datasheet HTML 7Page - STMicroelectronics AN4478 Datasheet HTML 8Page - STMicroelectronics AN4478 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2014
DocID026250 Rev 1
1/9
AN4478
Application note
Using multiple VL6180Xs in a single design
By Darin Winterton
Introduction
The purpose of this document is to give an example of how multiple VL6180X devices can
be placed on a board design while only using a single I2C interface to interact with the
devices.
Figure 1. VL6180X device
2.8 mm
1 mm
www.st.com


Similar Part No. - AN4478

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4470 STMICROELECTRONICS-AN4470 Datasheet
1Mb / 20P
The STPM3x application calibration
08-Apr-2014
AN4471 STMICROELECTRONICS-AN4471 Datasheet
1Mb / 39P
STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
22-Oct-2014
AN4472 STMICROELECTRONICS-AN4472 Datasheet
6Mb / 44P
STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
10-Dec-2014
logo
Freescale Semiconductor...
AN4473 FREESCALE-AN4473 Datasheet
8Mb / 2P
Dual 6.0 m high-side switch
AN4473 FREESCALE-AN4473 Datasheet
8Mb / 2P
Dual 10 m high-side switch
More results

Similar Description - AN4478

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4105 FAIRCHILD-AN4105 Datasheet
368Kb / 22P
Design Considerations for Switched Mode Power Supplies Using A Fairchild Power Switch (FPS) in a Flyback Converter
logo
Power Integrations, Inc...
DER-34 POWERINT-DER-34 Datasheet
435Kb / 19P
13W Multiple Output Supply using TOP242P
logo
Zetex Semiconductors
DN86 ZETEX-DN86 Datasheet
376Kb / 8P
Reduced component count and compact reference design for MR16 replacement lamps using multiple 1W LEDs
logo
STMicroelectronics
AN2760 STMICROELECTRONICS-AN2760 Datasheet
215Kb / 14P
Using clock distribution circuits in smart phone system design
31-Jul-2008
AN4501 STMICROELECTRONICS-AN4501 Datasheet
958Kb / 48P
Design of a boost LED driver using L99LD01
29-May-2014
logo
Silicon Laboratories
AN486 SILABS-AN486 Datasheet
396Kb / 10P
High-Side Bootstrap Design Using ISODrivers in Power Delivery Systems
logo
Xilinx, Inc
DS211 XILINX-DS211 Datasheet
218Kb / 7P
Fully synchronous design using a single clock
logo
Lumileds Lighting Compa...
PB144 LUMILEDS-PB144 Datasheet
1Mb / 2P
Multiple colors, a single focal length
DS144 LUMILEDS-DS144 Datasheet
2Mb / 30P
Multiple colors, a single focal length
logo
RRC power solutions Ltd...
SMBUS-READER RRC-SMBUS-READER Datasheet
164Kb / 2P
Design-In Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com