Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4496 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4496
Description  How to get a high power factor with the HVLED815PF device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4496 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4496 Datasheet HTML 4Page - STMicroelectronics AN4496 Datasheet HTML 5Page - STMicroelectronics AN4496 Datasheet HTML 6Page - STMicroelectronics AN4496 Datasheet HTML 7Page - STMicroelectronics AN4496 Datasheet HTML 8Page - STMicroelectronics AN4496 Datasheet HTML 9Page - STMicroelectronics AN4496 Datasheet HTML 10Page - STMicroelectronics AN4496 Datasheet HTML 11Page - STMicroelectronics AN4496 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ILED pin
AN4496
8/18
DocID026370 Rev 1
Figure 7. Equivalent pin ILED modulation circuitry in low input voltage range
In the high range (185 V - 265 V) the transistor Qr is saturated and the circuit in Figure 6
becomes as that in Figure 8. The value of KACH is from Equation 9:
Equation 14
Where VINminH is the high range minimum RMS input voltage and the value used for  and
Vdrp are the values at the VINminH.
The value of Rpc + Rpe to obtain the selected value of KACH the will be:
Equation 15
The resistors Rr1, Rr2 and Rr3 implement a voltage divider. In parallel to the Rr3 is placed
a capacitor Cr3 that filters the voltage ripple. When this voltage is greater than the sum of Dr
Zener voltage (VZ_Dr) and the base - emitter voltage of Qr (VBE_Qr), the transistor Qr starts
to switch on. The emitter resistor reduces the gain of Qr and permits a linear transition
between the low and the high range, that allows to work without hysteresis and reduces the
THD in the transition range (132 V -175 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com