Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4496 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4496
Description  How to get a high power factor with the HVLED815PF device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4496 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4496 Datasheet HTML 1Page - STMicroelectronics AN4496 Datasheet HTML 2Page - STMicroelectronics AN4496 Datasheet HTML 3Page - STMicroelectronics AN4496 Datasheet HTML 4Page - STMicroelectronics AN4496 Datasheet HTML 5Page - STMicroelectronics AN4496 Datasheet HTML 6Page - STMicroelectronics AN4496 Datasheet HTML 7Page - STMicroelectronics AN4496 Datasheet HTML 8Page - STMicroelectronics AN4496 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID026370 Rev 1
5/18
AN4496
ILED pin
18
1.2
High power factor modulation analysis
A solution to obtain the high power factor and low THD, as shown in Figure 2 on page 1, is
the AC coupling of the ILED pin with the rectified voltage. In this way the average of the
voltage VILEDavg is generated by the internal loop, which regulates the average output
current, while the waveform is modulated through the voltage divider by VRECT (see
Figure 3 B).
The average output voltage of an ideal single-phase full wave rectifier is:
Equation 3
Then the AC modulation is optimal when:
Equation 4
To ensure accurate regulation, the peak voltage on the ILED pin (VILEDpeak) must be smaller
than its maximum headroom voltage VILEDx (1.5 V). From Equation 2 and Equation 4 can be
estimated the maximum reflected voltage:
Equation 5
The effect of a reflected voltage greater of VRmax is the reduction of the output current when
VIN is lower than:
Equation 6
The equivalent input resistance of the ILED pin (RinILED) is 50 K when VILEDavg = 1 V and
the voltage divider must drive the ILED pin with equivalent resistance RAC << RinILED. The
phase rotation, at the input frequency, introduced from the capacitor CAC impacts on the
power factor, then the value of the capacitor must be:
Equation 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com