Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1054 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1054
Description  STEVAL-ISB013V1 demonstration board based on the STC3105 battery monitor IC with alarm output for gas gauge applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1054 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1054 Datasheet HTML 1Page - STMicroelectronics UM1054 Datasheet HTML 2Page - STMicroelectronics UM1054 Datasheet HTML 3Page - STMicroelectronics UM1054 Datasheet HTML 4Page - STMicroelectronics UM1054 Datasheet HTML 5Page - STMicroelectronics UM1054 Datasheet HTML 6Page - STMicroelectronics UM1054 Datasheet HTML 7Page - STMicroelectronics UM1054 Datasheet HTML 8Page - STMicroelectronics UM1054 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UM1054
STC3105 overview
Doc ID 18463 Rev 1
3/10
1
STC3105 overview
The STC3105 monitors the voltage and current of the battery and includes a Coulomb
counter to keep track of the charge/discharge status. An alarm output signals a low State-
Of-Charge (SOC) condition and/or a low battery voltage. In addition, a relaxation register
starts to count when the gas gauge is in a specified light-load condition, indicating when an
OCV (Open Circuit Voltage) measurement should be made for SOC correction.
Features of the STC3105 include:
●
Accurate battery voltage measurement
●
Coulomb counter to keep track of the battery's SOC
●
Internal 32.768 kHz time base
●
Low-battery alarm output with programmable SOC and voltage thresholds
●
Relaxation timer to track the load condition (user programmable load current threshold)
●
I2C interface for battery monitoring and device control
Performance criteria of the device are:
●
0.5% battery voltage accuracy
●
1% Coulomb counter accuracy using an external sensing resistor
●
Low power consumption: 100 µA in active operating conditions, 50 µA in power saving
operating conditions, 2 µA in standby mode and 1 µA in power-down mode
The device is packaged in a TDFN8, 3 mm x 2 mm x 0.75 mm (pitch 0.65 mm) (as used in
the demonstration board).
Figure 2.
Typical application diagram for the STC3105
GND
SDA
SCL
ALM
VCC
VIN
CG
STC3105
Battery
Rcg
uC with
Gas Gauge
firmware
I2C bus
Battery State-of-charge
Battery data
80 %
Remaining percentage
Remaining time
2:06
0.32 A
Current
3.71 V
Voltage
AM045051v1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com