Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1054 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1054
Description  STEVAL-ISB013V1 demonstration board based on the STC3105 battery monitor IC with alarm output for gas gauge applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1054 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1054 Datasheet HTML 1Page - STMicroelectronics UM1054 Datasheet HTML 2Page - STMicroelectronics UM1054 Datasheet HTML 3Page - STMicroelectronics UM1054 Datasheet HTML 4Page - STMicroelectronics UM1054 Datasheet HTML 5Page - STMicroelectronics UM1054 Datasheet HTML 6Page - STMicroelectronics UM1054 Datasheet HTML 7Page - STMicroelectronics UM1054 Datasheet HTML 8Page - STMicroelectronics UM1054 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Demonstration board description
UM1054
4/10
Doc ID 18463 Rev 1
2
Demonstration board description
The STEVAL-ISB013V1 is a demonstration board designed to help the user evaluate the
performance of the STC3105.
Figure 3.
Demonstration board schematic
1.
Pull-up resistors are not mounted on the board. The user must either mount them on the board to pull up to
VCC or pull up externally.
Table 1.
Bill of materials
Reference
Part/value
Footprint
Description
U1
STC3105
TDFN8
3 mm x 2 mm
Battery monitoring integrated circuit from
STMicroelectronics
R1
0
Ω
0402
Strap
R2
0
Ω
0402
Isolate current to GND plane. Not necessary
on the user’s PCB.
Rcg
20 m
Ω / ±1%
0805
Shunt resistor
Rup1
4.7 k /
±5%
0402
Pull-up resistor is not mounted on the board
(option for onboard pull-up to VCC).
Rup2
4.7 k /
±5%
0402
Pull-up resistor is not mounted on the board
(option for onboard pull-up to VCC).
Rup3
4.7 k /
±5%
0402
Pull-up resistor is not mounted on the board
(option for onboard pull-up to VCC).
C1
1 µF / 16 V / X7R
0402
Optional filtering capacitor
C2
1 µF / 10 V / X7R
0402
Decoupling capacitor
ALM
SDA
SCL
GND
VIN
VCC
NC
CG
C1
1uF
C2
1uF
R1
0
Rcg
20m
R2
0
Rup1
(1)
4.7k
Rup2
(1)
4.7k
Rup3
(1)
4. 7k
GND
SCL
SDA
ALM
VCC
CG-
CG+
VCC
VIN
U1
STC3105
AM045052v1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com