Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1477 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1477
Description  The STEVAL-IFN004V1 is a demonstration board based
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1477 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1477 Datasheet HTML 1Page - STMicroelectronics UM1477 Datasheet HTML 2Page - STMicroelectronics UM1477 Datasheet HTML 3Page - STMicroelectronics UM1477 Datasheet HTML 4Page - STMicroelectronics UM1477 Datasheet HTML 5Page - STMicroelectronics UM1477 Datasheet HTML 6Page - STMicroelectronics UM1477 Datasheet HTML 7Page - STMicroelectronics UM1477 Datasheet HTML 8Page - STMicroelectronics UM1477 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Main features
UM1477
4/22
Doc ID 022373 Rev 1
1
Main features
The characteristics of the STEVAL-IFN004V1 BLDC 6-step driver board are the following:
●
DC voltage range from 8 V to 48 V (extendable up to 52 V)
●
Maximum load current of 1.4 Ar.m.s. (2.8 A peak) for each output
●
Integrated DC-DC regulator (5 V)
●
Monolithic power stage in QFN package featuring overcurrent and thermal protections
●
Single shunt current sensing
●
Control interface through trimmer and buttons
●
Debug outputs
●
Hall sensor/encoder inputs
●
Optimized layout on 4-layer board for high thermal performance.
1.1
Target applications
The demonstration kit is designed to fit all typical low-power BLDC motor applications, for
example:
●
Cooling fans
●
Pumps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com