Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC397A Datasheet(PDF) 1 Page - Linear Technology

Part # DC397A
Description  SCHEMATIC, LT1930A/31A, 2.2MHz, SOT-23 DC/DC CONVERTER PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC397A Datasheet(HTML) 1 Page - Linear Technology

  DC397A Datasheet HTML 1Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B
B
A
A
2
2
1
1
BOOST
INVERTER
SEPIC
2
MFR SPECS CONFIG DIAGRAM ERROR : CORRECT INDUCTOR PIN-OUT.
3/26/01
3
ADD R7; CHG L1, L2, L3.
6/6/01
5
DEMO BOARD RELEASE
01/30/02
LTC CONFIDENTIAL - For Customer Use Only
5
DC397A
Wednesday, January 30, 2002
1
1
SCHEMATIC, LT1930A/31A, 2.2MHz, SOT-23 DC/DC CONVERTER PCB
397A_r5.DSN
NONE
L.SANTOS
02/07/01
A
SIZE
SCALE:
CAGE CODE
DWG NO
REV
SHEET
OF
FILENAME:
TITLE
CONTRACT NO.
APPROVALS
DATE
DRAWN
CHECKED
APPROVED
ENGINEER
DESIGNER
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
TOLERANCE ON ANGLE - - -
2 PLACES - - - 3 PLACES - - -
INTERPRET DIM AND TOL
PER ASME Y14.5M -1994
THIRD ANGLE PROJECTION
DO NOT SCALE DRAWING
TECHNOLOGY
1630 McCarthy Blvd.
Milpitas, CA 95035
Phone: (408)432-1900
Fax: (408)434-0507
INITIATED
1
02/13/01
REVISION HISTORY
DESCRIPTION
DATE
APPROVED
ECO
REV
CORR L2,L3 MFR#: WAS 92Y-153/5. R MV C5;CHG C4,D2,3; C6 TO C5
4
01/17/02
E6
VOUT
12V 250mA
1
L1
2.2uH
LPO1704-222M
C16
OPT.
E7
SHDN
1
C13
1uF
25V
C18
2.2uF
16V
C1
1uF
16V
L3B
3.3uH
3
4
C2
2.2uF
16V
E3
SHDN
1
R2
13.3K
C10
OPT.
D3
UPS140
E1
VIN
5V
1
C3
10pF
C4
2.2uF
16V
R4
13.3K
E2
VOUT
12V 250mA
1
E11
SHDN
1
E8
GND
1
C8
1uF
16V
R5
105K
R6
13.3K
C17
2.2uF
16V
JP1
ON
OFF
2
E10
VOUT
-12V 250mA
1
C14
1uF
16V
E4
GND
1
U1
LT1930A
4
3
SHDN
FB
U3
LT1931A
4
3
SHDN
NFB
L2A
3.3uH
CMD5D13-4371-T004
1
2
C7
1uF
25V
L2B
3.3uH
U2
LT1930A
4
3
SHDN
FB
C12
1uF
16V
C9
2.2uF
16V
C5
1uF
16V
C11
2.2uF
16V
R3
115K
C15
2.2uF
16V
D1
ZHCS400
E12
GND
1
R7
118K
D2
UPS140
C19
1uF
16V
L3A
3.3uH
CMD5D13-4371-T004
1
2
E9
VIN
12V
1
JP3
ON
OFF
2
R1
115K
E5
VIN
10-16V
1
JP2
ON
OFF
2


Similar Part No. - DC397A

ManufacturerPart #DatasheetDescription
logo
Globaltech Semiconducto...
DC3906X GLOBALTECH-DC3906X Datasheet
536Kb / 7P
30V N-Channel MOSFETs
Version_1.2
logo
Potens Semiconductor Co...
DC3908 POTENS-DC3908 Datasheet
932Kb / 5P
30V N-Channel MOSFETs
Ver.1.03
logo
France Joint
DC39X70X11 FRANCEJOINT-DC39X70X11 Datasheet
459Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - DC397A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RK1A RICOH-RN5RK1A Datasheet
226Kb / 23P
SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
1MHz Step-Down DC/DC Converter in SOT-23
logo
Texas Instruments
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
Micropower Inverting DC/DC Converter in SOT-23-5
logo
RICOH electronics devic...
RN5RKXX1A RICOH-RN5RKXX1A Datasheet
1Mb / 22P
SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
logo
Linear Technology
LTC3426 LINER-LTC3426 Datasheet
185Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
Low-Power DC-DC Boost Converter in SOT-23 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com